| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCT1339 bảng dữ liệu(PDF) 14 Page - Pixart Imaging Inc. |
|
|
|||||||||||||||||||||||||||||
PCT1339 bảng dữ liệu(HTML) 14 Page - Pixart Imaging Inc. |
|
14 / 25 page ![]() 14 PixArt Imaging Inc. PCT1339 Product Datasheet Multi-Touch Capacitive Touch Controller PixArt Imaging Inc. http://www.pixart.com All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission. Version 1.0 |11 Apr 2016 AC Timing Specification 3.5.1 Power on Sequence Timing Requirement with Internal Regulator Parameter Symbol Min Typ Max Unit VDDIO to V_IN Delay T1 (*1) 10 µs V_IN stable to Reset release T2 1 ms Reset release to register access T3 5 ms charge-pump enable to VDDAIO stable T4 2 ms Minimum reset duration T5 10 µs Register access delay after resume T3 5 ms Notes *1: We suggest VDDIO to be applied after V_IN. If VDDIO need to be applied before V_IN, the time gap should be less than 10us. That means, T1 could be “negative”. VDDIO V_IN VDDD VDDA VDDCP NRST Register VDDAIO T4 T1 T2 T3 T5 T3 Shutdown/Resume Register W7AAA (shutdown) W7ADD (Resume) T3 Figure 10. Power-up Sequence with Internal Regulator |