công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LED940-04A bảng dữ liệu(PDF) 3 Page - Roithner LaserTechnik GmbH

tên linh kiện LED940-04A
Giải thích chi tiết về linh kiện  Dual LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROITHNER [Roithner LaserTechnik GmbH]
Trang chủ  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED940-04A bảng dữ liệu(HTML) 3 Page - Roithner LaserTechnik GmbH

  LED940-04A Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED940-04A Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED940-04A Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
29.08.2011
LED760/940-04A
3 of 3
Soldering Conditions
4. Static Electricity
• The LEDs are very sensitive to Static Electricity and surge voltage. So it is recommended
that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
• All devices, equipment and machinery must be grounded properly. It is recommended that
precautions should be taken against surge voltage to the equipment that mounts the LEDs.



Html Pages

1 2 3