| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8782 bảng dữ liệu(PDF) 17 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8782 bảng dữ liệu(HTML) 17 Page - Wolfson Microelectronics plc |
|
17 / 19 page ![]() Product Preview WM8782 w PP, May 2004, Rev 1.0 17 APPLICATIONS INFORMATION RECOMMENDED EXTERNAL COMPONENTS Figure 15 External Components Diagram RECOMMENDED EXTERNAL COMPONENTS VALUES COMPONENT REFERENCE SUGGESTED VALUE DESCRIPTION C1 and C8 10 µF De-coupling for DVDD and AVDD C2 and C7 0.1 µF De-coupling for DVDD and AVDD C5 and C6 10 µF Analogue input AC coupling caps R1 10k Ω Current limiting resistors R2 and R5 10k Ω Internal op-amp input resistor R3 and R6 5k Ω Internal op-amp feedback resistor R4 3.3k Ω Common mode resistor C4 0.1 µF C3 10 µF Reference de-coupling capacitors for VMID pin C9 0.1 µF C10 10 µF Reference de-coupling capacitors for VREFP pin Table 9 External Components Description |