| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LC75813E-E bảng dữ liệu(PDF) 7 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC75813E-E bảng dữ liệu(HTML) 7 Page - ON Semiconductor |
|
7 / 28 page ![]() Note: DD···Direction data. • CCB address......40H • D1 to D261........Display data • P0 to P3 .............Segment output port/general-purpose output port switching control data • DR .....................1/2 bias drive or 1/3 bias drive switching control data • DT .....................1/3 duty drive or 1/4 duty drive switching control data • FC......................Common and segment output waveforms frame frequency setting control data • SC......................Segments on/off control data • BU .....................Normal mode/power-saving mode control data y When CL is stopped at the high level Page 7 LC75813E, 75813T D2 D1 0 0 0 0 0 D83 D84 D85 D86 D87 DI CL CE 1 0 0 P0 P1 P2 P3 DR DT FC SC BU 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 D89 D88 D170 D171 D172 D173 D174 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 D176 D175 D257 D258 D259 D260 D261 1 0 0 0 CCB address 8 bits Display data 87 bits Control data 15 bits DD 2 bits CCB address 8 bits Display data 87 bits Fixed data 15 bits DD 2 bits CCB address 8 bits Display data 87 bits Fixed data 15 bits DD 2 bits B1 B0 B3 B2 A0 A1 A3 A2 B1 B0 B3 B2 A0 A1 A3 A2 B1 B0 B3 B2 A0 A1 A3 A2 |