công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE3353LF-36 bảng dữ liệu(PDF) 2 Page - Pasternack Enterprises, Inc.

tên linh kiện PE3353LF-36
Giải thích chi tiết về linh kiện  SMA Male to SMA Male Cable 36 Inch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PASTERNACK [Pasternack Enterprises, Inc.]
Trang chủ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3353LF-36 bảng dữ liệu(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3353LF-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3353LF-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3353LF-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3353LF-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Jacket Material
PVC, Black
Jacket Diameter
0.1 in [2.54 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
SMA Male
Specification
MIL-STD-348A
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Brass, Gold
Contact Plating Specification
30µ in. Minimum
30µ in. Minimum
Dielectric Type
PTFE
PTFE
Coupling Nut Material and Plating
Brass, Nickel
Brass, Nickel
Coupling Nut Plating Specification
100µ in. Minimum
100µ in. Minimum
Hex Size
5/16 in
5/16 in
Torque
5 in-lbs [0.57 Nm]
5 in-lbs [0.57 Nm]
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. Minimum
100µ in. Minimum
.
Environmental Specifications
Temperature
Operating Range
-40 to +80 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
12/19/2011
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3353LF-36 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Cable 36 Inch Length Using RG174 Coax, RoHS PE3353LF-36
RF Cable Assemblies Technical Data Sheet
PE3353LF-36
SMA Male to SMA Male Cable 36 Inch
Length Using RG174 Coax, RoHS



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com