công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE15A4043 bảng dữ liệu(PDF) 1 Page - Pasternack Enterprises, Inc.

tên linh kiện PE15A4043
Giải thích chi tiết về linh kiện  TECHNICAL DATA SHEET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PASTERNACK [Pasternack Enterprises, Inc.]
Trang chủ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A4043 bảng dữ liệu(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE15A4043 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A4043 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A4043 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A4043 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A4043 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A4043 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TECHNICAL DATA SHEET
The PE15A4043 is a broadband coaxial power amplifier, operating in the 2.0 to 6.0 GHz frequency range. The amplifier offers
35 dBm of P1dB min and 44 dB small signal gain typ, with the gain flatness of ±1.0 dB typ. This power amplifier requires only a
single positive DC supply, is unconditionally stable, operates over the temperature range of -30°C to 70°C, and is Hermetically
sealed.
Features
2.0 to 6.0 GHz Frequency Range
• P1dB: 35 dBm min
Small Signal Gain: 44 dB typ
Gain Flatness: ±1.0 dB typ
50 Ohm Input and Output Matched
-20 to +85°C Operating Temperature
Unconditionally Stable
Single DC Positive Supply
Built-in DC Voltage Regulator
Applications
Laboratory Applications
R&D Labs
Test Instrumentation
Military & Space
Communication Systems
Satellite Communications
Wireless Communications
Unmanned Systems
Microwave Radio Systems
Low Noise Amplifier
General Purpose Amplification
RF Front Ends
Electrical Specifications (TA= 25°C, VDC1 = 12 Vdc)
Description
Minimum
Typical
Maximum
Units
Frequency Range
2
6
GHz
Gain
40
44
dB
Gain Flatness
±1
dB
Output at 1 dB Compression Point
+35
dBm
Output 3rd Intercept Point
+45
dBm
Noise Figure
4.5
dB
.
Input VSWR
2:1
Output VSWR
2:1
Operating DC Voltage 1
11
12
15
Volts
.
Operating DC Current
4,200
mA
Operating Temperature Range (OTR)
-30
+70
°C
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 44 dB Gain, 3 Watt P1dB, 2 GHz to 6 GHz, Medium Power Broadband Amplifier, 45 dBm IP3,
4.5 dB NF, SMA PE15A4043
PE15A4043
PE15A4043 REV 1.0
44 dB Gain, 3 Watt P1dB, 2 GHz to 6 GHz, Medium Power
Broadband Amplifier, 45 dBm IP3, 4.5 dB NF, SMA


Số phần tương tự - PE15A4043

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A4041 PASTERNACK-PE15A4041 Datasheet
440Kb / 6P
TECHNICAL DATA SHEET
PE15A4042 PASTERNACK-PE15A4042 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A4044 PASTERNACK-PE15A4044 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A4045 PASTERNACK-PE15A4045 Datasheet
445Kb / 6P
TECHNICAL DATA SHEET
More results

Mô tả tương tự - PE15A4043

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE15A3502 PASTERNACK-PE15A3502_17 Datasheet
566Kb / 6P
TECHNICAL DATA SHEET
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
TECHNICAL DATA SHEET
PE15A4038 PASTERNACK-PE15A4038 Datasheet
437Kb / 6P
TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
TECHNICAL DATA SHEET
PE15A9002 PASTERNACK-PE15A9002 Datasheet
484Kb / 7P
TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com