| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9864-EBZ bảng dữ liệu(PDF) 37 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9864-EBZ bảng dữ liệu(HTML) 37 Page - Analog Devices |
|
37 / 48 page ![]() AD9864 Data Sheet Rev. A | Page 36 of 47 approximately 10 µs, while at the lowest setting the attenuation changes from 0 dB to 12 dB in approximately 1.2 ms. In both cases, assume that fCLK = 18 MHz. Figure 63 shows the AGC attack time response for different AGCO settings. AGCA = 0 80 64 0 48 32 16 96 TIME (ms) 10 20 0 50 40 30 80 64 0 48 32 16 96 AGCA = 4 80 64 0 48 32 16 96 AGCA = 8 AGCD = 8 AGCD = 0 AGCD = 8 AGCD = 0 AGCD = 8 AGCD = 0 Figure 62. AGC Response for Different AGCA and AGCD Settings with fCLK = 18 MSPS, fCLKOUT = 20 kSPS, Decimate by 900, and AGCO = 0 TIME (ms) 0.1 0.2 0 0.5 0.4 0.3 80 64 0 48 32 16 96 1.0 0.9 0.8 0.7 0.6 112 128 AGCO = 7 AGCO = 4 AGCD = 0 Figure 63. AGC Response for Different AGCO Settings with fCLK = 18 MSPS, fCLKOUT = 300 kSPS, Decimate by 60 and AGCA = AGCD = 0 Lastly, the AGCF bit reduces the DAC source resistance by at least a factor of 10, which facilitates fast acquisition by lowering the RC time constant that is formed with the external capacitors connected from the GCP pin to ground (GCN pin). For an overshoot-free step response in the AGC loop, choose the capacitor connected from the GCP pin to the GCN ground pin so that the RC time constant is less than one quarter of the raw loop. Specifically, RC < 1/(8πBW) (11) where: R is the resistance between the GCP pin and ground (72.5 kΩ ±30% if AGCF = 0, < 8 kΩ if AGCF = 1). BW is the raw loop bandwidth. Note that with C chosen at this upper limit, the loop bandwidth increases by approximately 30%. Now consider the case described previously but with the DVGA enabled to minimize the effects of 16-bit truncation. With the DVGA enabled, a control loop based on the larger of the two estimated signal levels (that is, the output of DEC1 and DVGA) controls the DVGA gain. The DVGA multiplies the output of the decimation filter by a factor of 1 to 4 (that is, 0 dB to 12 dB). When signals are small, the DVGA gain is 4 and the 16-bit output is extracted from the 24-bit data produced by the decimation filter by dropping 2 MSB and taking the next 16 bits. As signals become larger, the DVGA gain decreases to the point where the DVGA gain is 1 and the 16-bit output data is simply the 16 MSB of the internal 24-bit data. As signals become even larger, attenuation is accomplished by the normal method of increasing the full scale of the ADC. The extra 12 dB of gain range provided by the DVGA reduces the input-referred truncation noise by 12 dB and makes the data more tolerant of LSB corruption within the DSP. The price paid for this extension to the gain range is that the start of AGC action is 12 dB lower and that the AGC loop becomes unstable if its bandwidth is set too wide. The latter difficulty results from the large delay of the decimation filters, DEC2 and DEC3, when the user implements a large decimation factor. As a result, given the option, the use of 24-bit data is preferable to using the DVGA. Figure 64 indicates which AGCA values are reasonable for various decimation factors (DEC FAC). The white cells indicate that the (decimation factor/AGCA) combination works well; the light gray cells indicate ringing and an increase in the AGC settling time; and the dark gray cells indicate that the combination results in instability or near instability in the AGC loop. Setting AGCF = 1 improves the time-domain behavior at the expense of increased spectral spreading. 4 M AGCA 5 6 7 8 9 10 11 12 13 14 15 60 0 120 1 300 4 540 8 900 E Figure 64. AGCA Limits when DVGA is Enabled |