| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MFC2000 bảng dữ liệu(PDF) 420 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MFC2000 bảng dữ liệu(HTML) 420 Page - List of Unclassifed Manufacturers |
|
420 / 426 page ![]() MFC2000 Multifunctional Peripheral Controller 2000 Hardware Description 24-34 Conexant 100723A 24.8.2 Firmware Operation There is only one operation in which firmware need be concerned with the CDRAM block. That operation is the powerup operation. During startup, DRAM and SDRAM both have a specific sequence which needs to be performed on them in order for them to function properly. In order to assure that this sequence is properly performed the following must be done: 1. Wait a minumum of 200us. Some memories require as little as 100us, while a few others require as great as 500us. Waiting 200us will assure that MOST memories will work correctly. 2. Write to the CDRAM configuration register. This register should be written to ONCE and ONLY ONCE. Unless this register is written to, CDRAM will not know what type of RAM is being used. 3. That’s it. After about a 1 us delay the startup procedure should be finished and the memory ready to be accessed. An access request can be made after the startup procedure is done and before it is finished, but the access will not occur until the complete startup procedure is finished. |