công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP38693MP-1.8 bảng dữ liệu(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LP38693MP-1.8
Giải thích chi tiết về linh kiện  500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38693MP-1.8 bảng dữ liệu(HTML) 5 Page - National Semiconductor (TI)

  LP38693MP-1.8 Datasheet HTML 1Page - National Semiconductor (TI) LP38693MP-1.8 Datasheet HTML 2Page - National Semiconductor (TI) LP38693MP-1.8 Datasheet HTML 3Page - National Semiconductor (TI) LP38693MP-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LP38693MP-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LP38693MP-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LP38693MP-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LP38693MP-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LP38693MP-1.8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Electrical Characteristics Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply
over the full operating temperature range. Unless otherwise specified: V
IN =VOUT + 1V, CIN =COUT = 10 µF, ILOAD = 10mA.
Min/Max limits are guaranteed through testing, statistical correlation, or design. (Continued)
Symbol
Parameter
Conditions
MIN
TYP
(Note 4)
MAX
Units
e
n
Output Noise
BW = 10Hz to 10kHz
V
O = 3.3V
0.7
µV/
V
O (LEAK)
Output Leakage Current
V
O =VO(NOM) + 1V @ 10VIN
0.5
12
µA
V
EN
Enable Voltage (LP38693 Only)
Output = OFF
0.4
V
Output = ON, V
IN =4V
1.8
Output = ON, V
IN =6V
3.0
Output = ON, V
IN = 10V
4.0
I
EN
Enable Pin Leakage (LP38693
Only)
V
EN = 0V or 10V, VIN = 10V
-1
0.001
1
µA
Note 1: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Operating ratings indicate conditions for which the device
is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications, see Electrical Characteristics. Specifications do not
apply when operating the device outside of its rated operating conditions.
Note 2: At elevated temperatures, device power dissipation must be derated based on package thermal resistance and heatsink values (if a heatsink is used). The
junction-to-ambient thermal resistance (
θJ-A) for the TO-252 is approximately 90˚C/W for a PC board mounting with the device soldered down to minimum copper
area (less than 0.1 square inch). If one square inch of copper is used as a heat dissipator for the TO-252, the
θJ-A drops to approximately 50˚C/W. The SOT-223
package has a
θJ-A of approximately 125˚C/W when soldered down to a minimum sized pattern (less than 0.1 square inch) and approximately 70˚C/W when soldered
to a copper area of one square inch. The
θJ-A values for the LLP package are also dependent on trace area, copper thickness, and the number of thermal vias used
(refer to application note AN-1187). If power disspation causes the junction temperature to exceed specified limits, the device will go into thermal shutdown.
Note 3: ESD is tested using the human body model which is a 100pF capacitor discharged through a 1.5k resistor into each pin.
Note 4: Typical numbers represent the most likely parametric norm for 25˚C operation.
Note 5: If used in a dual-supply system where the regulator load is returned to a negative supply, the output pin must be diode clamped to ground.
Note 6: Output voltage line regulation is defined as the change in output voltage from nominal value resulting from a change in input voltage.
Note 7: Output voltage load regulation is defined as the change in output voltage from nominal value as the load current increases from 1mA to full load.
Note 8: Dropout voltage is defined as the minimum input to output differential required to maintain the output within 100mV of nominal value.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com