| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24C02-MB3TG bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C02-MB3TG bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 29 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 18/29 Table 15. AC Characteristics (M24Cxx, Device Grade 6) Note: 1. For a reSTART condition, or following a Write cycle. 2. Sampled only, not 100% tested. 3. To avoid spurious START and STOP conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of SDA. 4. This is preliminary data for M24Cxx-Wxx3. Table 16. AC Characteristics (M24Cxx, Device Grade 3; M24Cxx-W, Device Grade 6 or 3) Note: 1. For a reSTART condition, or following a Write cycle. 2. Sampled only, not 100% tested. 3. To avoid spurious START and STOP conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of SDA. 4. 10ms write time is offered on the standard device. 5ms write time is offered on new products bearing the Process Identification letter “W” or “G” on the package, as described in Table 24.. Test conditions specified in Table 8. and Table 5. Symbol Alt. Parameter Min.4 Max.4 Unit fC fSCL Clock Frequency 400 kHz tCHCL tHIGH Clock Pulse Width High 600 ns tCLCH tLOW Clock Pulse Width Low 1300 ns tDL1DL2 2 tF SDA Fall Time 20 300 ns tDXCX tSU:DAT Data In Set Up Time 100 ns tCLDX tHD:DAT Data In Hold Time 0 ns tCLQX tDH Data Out Hold Time 200 ns tCLQV 3 tAA Clock Low to Next Data Valid (Access Time) 200 900 ns tCHDX 1 tSU:STA Start Condition Set Up Time 600 ns tDLCL tHD:STA Start Condition Hold Time 600 ns tCHDH tSU:STO Stop Condition Set Up Time 600 ns tDHDL tBUF Time between Stop Condition and Next Start Condition 1300 ns tW tWR Write Time 5 ms Test conditions specified in Table 8. and Table 5. or Table 6. Symbol Alt. Parameter Min. Max. Unit fC fSCL Clock Frequency 400 kHz tCHCL tHIGH Clock Pulse Width High 600 ns tCLCH tLOW Clock Pulse Width Low 1300 ns tDL1DL2 2 tF SDA Fall Time 20 300 ns tDXCX tSU:DAT Data In Set Up Time 100 ns tCLDX tHD:DAT Data In Hold Time 0 ns tCLQX tDH Data Out Hold Time 200 ns tCLQV 3 tAA Clock Low to Next Data Valid (Access Time) 200 900 ns tCHDX 1 tSU:STA Start Condition Set Up Time 600 ns tDLCL tHD:STA Start Condition Hold Time 600 ns tCHDH tSU:STO Stop Condition Set Up Time 600 ns tDHDL tBUF Time between Stop Condition and Next Start Condition 1300 ns tW tWR Write Time 10 or4 5 ms |