công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KRTBEILP41.32 bảng dữ liệu(PDF) 1 Page - OSRAM GmbH

tên linh kiện KRTBEILP41.32
Giải thích chi tiết về linh kiện  Indoor Video Walls
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBEILP41.32 bảng dữ liệu(HTML) 1 Page - OSRAM GmbH

  KRTBEILP41.32 Datasheet HTML 1Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 2Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 3Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 4Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 5Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 6Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 7Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 8Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
KRTB EILP41.32
DISPLIX E1616
Datasheet
Version 
Discontinued acc. OS-PD-2017-054
2017-11-14
1
Das Bauteil ist speziell für den Einsatz in
Vollfarb-Videowänden entwickelt worden. Die
4-lead common anode Technologie läßt eine
unahängige Ansteuerung aller Chips zu und
bietet dadurch eine additive Farbmischung.
Durch die kompakten Gehäuseabmaße ist es
bestens für Videowände mit hoher Auflösung
und geringem Pixelabstand geeignet.
Merkmale
• Gehäusetyp: SMT Gehäuse, Harz Verguss
• Farbe: Rot/True Grün/Blau, 623 nm (rot),
530 nm (true grün), 471 nm (blau)
• Abstrahlwinkel: Lambertscher Strahler (120°)
• Chiptechnologie: InGaAlP (rot),
InGaN (true grün, blau)
• Lötmethode: Reflow lötbar
• Vorbehandlung: nach JEDEC Level 4
• ESD-Festigkeit: 500V gemäß JESD22-C101
(CDM, Class III)
Hauptanwendungen
• Videoleinwände im Innenbereich
• Vollfarb-Displays
This device is especially designed for full color
video walls. The 4-lead common anode
technology admits an additive mixture of color
stimuli by independent driving of each chip.
Very compact package size fits best for high
resolution narrow pitch video walls.
Features
• package: SMT package, epoxy resin
• color: red/true green/ blue, 623 nm (red),
530 nm (true green), 471 nm (blue)
• viewing angle: Lambertian Emitter (120°)
• chiptechnology: InGaAlP(red),
InGaN (true green, blue)
• soldering methods: reflow solderable
• preconditioning: acc. to JEDEC Level 4
• ESD-withstand voltage: 500V acc. to
JESD22-C101 (CDM, Class III)
Main Applications
• Indoor Video Walls
• full color display


Số phần tương tự - KRTBEILP41.32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ams-OSRAM AG
KRTBEILQ51-3A AMSOSRAM-KRTBEILQ51-3A Datasheet
2Mb / 30P
Multi Chip LED
Version 1.3 2022-11-25
logo
OSRAM GmbH
KRTBEILQ51.3A OSRAM-KRTBEILQ51.3A Datasheet
2Mb / 30P
This white-binned RGB LED is finished with a clear casting which leads to very high brightness.
Version 1.3 2022-11-25
More results

Mô tả tương tự - KRTBEILP41.32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OSRAM GmbH
LRTBR98G OSRAM-LRTBR98G Datasheet
1Mb / 25P
Indoor Video Walls
KBHAVPA1.12 OSRAM-KBHAVPA1.12 Datasheet
858Kb / 22P
Video Walls
KYHAVPA1.22 OSRAM-KYHAVPA1.22 Datasheet
851Kb / 21P
3D RGBY Video Walls
LRTBGVTG OSRAM-LRTBGVTG Datasheet
681Kb / 27P
video walls
LRTBGRUG OSRAM-LRTBGRUG Datasheet
905Kb / 26P
video walls in outdoor areas
LRTBGVTG OSRAM-LRTBGVTG_18 Datasheet
1Mb / 27P
video walls
KRTBEJLP41.32 OSRAM-KRTBEJLP41.32 Datasheet
856Kb / 27P
Indoor Video Walls
KRTBEKLP42.32 OSRAM-KRTBEKLP42.32 Datasheet
672Kb / 27P
Indoor Video Walls
logo
ams AG
KRTBLFLP71.32 AMSCO-KRTBLFLP71.32 Datasheet
1Mb / 31P
This device is especially designed for full color video walls.
Version 1.1 2021-12-06
KRTBLFLM71.32 AMSCO-KRTBLFLM71.32 Datasheet
2Mb / 28P
This device is especially designed for full color video walls.
Version 1.3 2022-05-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com