công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADT7470EBZ bảng dữ liệu(PDF) 13 Page - Analog Devices

tên linh kiện EVAL-ADT7470EBZ
Giải thích chi tiết về linh kiện  Temperature Sensor Hub and Fan Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT7470EBZ bảng dữ liệu(HTML) 13 Page - Analog Devices

Back Button EVAL-ADT7470EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 16Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
ADT7470
Data Sheet
Rev. E | Page 12 of 40
READ OPERATIONS
The ADT7470 uses the following SMBus read protocols.
Receive Byte
This is useful when repeatedly reading a single register.
The register address must be set up previously. In this
operation, the master device receives a single byte from
a slave device, as follows:
1. The master device asserts a start condition on SDA.
2. The master sends the 7-bit slave address followed by
the read bit (high).
3. The addressed slave device asserts ACK on SDA.
4. The master receives a data byte.
5. The master asserts NO ACK on SDA.
6. The master asserts a stop condition on SDA
and the transaction ends.
In the ADT7470, the receive byte protocol is used to read a
single byte of data from a register whose address was previously
set by a send byte or write byte operation.
1
2
3
4
5
6
S
R
A
DATA
A
P
SLAVE
ADDRESS
Figure 12. Single-Byte Write from a Register
Alert Response Address
Alert response address (ARA) is a feature of SMBus devices,
which allows an interrupting device to identify itself to the host
when multiple devices exist on the same bus.
The SMBALERT output can be used as an interrupt output
or can be used as an SMBALERT. One or more outputs can be
connected to a common SMBALERT line connected to the
master. If a device’s SMBALERT line goes low, the following
occurs:
1. SMBALERT is pulled low.
2. The master initiates a read operation and sends the alert
response address (ARA = 000 1100). This is a general call
address that must not be used as a specific device address.
3. The device whose SMBALERT output is low responds to
the alert response address, and the master reads its device
address. The address of the device is now known, and it
can be interrogated in the usual way.
4. If more than one device’s SMBALERT output is low,
the one with the lowest device address has priority,
in accordance with normal SMBus arbitration.
5. Once the ADT7470 responds to the alert response
address, the master must read the status registers,
and the SMBALERT is cleared only if the error condition
is gone.
SMBus TIMEOUT
The ADT7470 includes an SMBus timeout feature. If there is no
SMBus activity for more than 31 ms, the ADT7470 assumes that
the bus is locked and releases the bus. This prevents the device
from locking or holding the SMBus expecting data. Some SMBus
controllers cannot handle the SMBus timeout feature, so it can
be disabled.
Table 6. Configuration Register 1—Register 0x40
Bit Address and Value
Description
Bit 3 TODIS = 0
SMBus timeout enabled (default).
Bit 3 TODIS = 1
SMBus timeout disabled.
Although the ADT7470 supports packet error checking (PEC),
its use is optional. It is triggered by supplying the extra clock
for the PEC byte. The PEC byte is calculated using CRC-8.
The frame check sequence (FCS) conforms to CRC-8 by the
following polynomial:
C(x) = x8 + x2 + x1 + 1
Consult the SMBus 1.1 Specification for more information by
searching online.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com