công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADE9000ACPZ-RL bảng dữ liệu(PDF) 39 Page - Analog Devices

tên linh kiện ADE9000ACPZ-RL
Giải thích chi tiết về linh kiện  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADE9000ACPZ-RL bảng dữ liệu(HTML) 39 Page - Analog Devices

Back Button ADE9000ACPZ-RL Datasheet HTML 35Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 36Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 37Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 38Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 39Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 40Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 41Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 42Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
ADE9000
Data Sheet
Rev. A | Page 38 of 72
REGISTER MAP
Table 6. Register Map
Address
Name
Description
Reset
Access
0x000
AIGAIN
Phase A current gain adjust.
0x00000000
R/W
0x001
AIGAIN0
Phase A multipoint gain correction factor. If multipoint gain and phase compensation
is enabled, with MTEN = 1 in the CONFIG0 register, an additional gain factor,
AIGAIN0 through AIGAIN5, is applied based on the AIRMS current rms amplitude
and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x002
AIGAIN1
Phase A multipoint gain correction factor. If multipoint gain and phase compensation
is enabled, with MTEN = 1 in the CONFIG0 register, an additional gain factor,
AIGAIN0 through AIGAIN5, is applied based on the AIRMS current rms amplitude
and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x003
AIGAIN2
Phase A multipoint gain correction factor. If multipoint gain and phase compensation
is enabled, with MTEN = 1 in the CONFIG0 register, an additional gain factor,
AIGAIN0 through AIGAIN5, is applied based on the AIRMS current rms amplitude
and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x004
AIGAIN3
Phase A multipoint gain correction factor. If multipoint gain and phase compensation
is enabled, with MTEN = 1 in the CONFIG0 register, an additional gain factor,
AIGAIN0 through AIGAIN5, is applied based on the AIRMS current rms amplitude
and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x005
AIGAIN4
Phase A multipoint gain correction factor. If multipoint gain and phase compensation
is enabled, with MTEN = 1 in the CONFIG0 register, an additional gain factor,
AIGAIN0 through AIGAIN5, is applied based on the AIRMS current rms amplitude
and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x006
APHCAL0
Phase A multipoint phase correction factor. If multipoint phase and gain calibration is
disabled, with MTEN = 0 in the CONFIG0 register, the APHCAL0 phase compensation
is applied. If multipoint phase and gain correction is enabled, with MTEN = 1, the
APHCAL0 through APHCAL4 value is applied based on the AIRMS current rms
amplitude and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x007
APHCAL1
Phase A multipoint phase correction factor. If multipoint phase and gain calibration is
disabled, with MTEN = 0 in the CONFIG0 register, the APHCAL0 phase compensation
is applied. If multipoint phase and gain correction is enabled, with MTEN = 1, the
APHCAL0 through APHCAL4 value is applied based on the AIRMS current rms
amplitude and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x008
APHCAL2
Phase A multipoint phase correction factor. If multipoint phase and gain calibration is
disabled, with MTEN = 0 in the CONFIG0 register, the APHCAL0 phase compensation
is applied. If multipoint phase and gain correction is enabled, with MTEN = 1, the
APHCAL0 through APHCAL4 value is applied based on the AIRMS current rms
amplitude and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x009
APHCAL3
Phase A multipoint phase correction factor. If multipoint phase and gain calibration is
disabled, with MTEN = 0 in the CONFIG0 register, the APHCAL0 phase compensation
is applied. If multipoint phase and gain correction is enabled, with MTEN = 1, the
APHCAL0 through APHCAL4 value is applied based on the AIRMS current rms
amplitude and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x00A
APHCAL4
Phase A multipoint phase correction factor. If multipoint phase and gain calibration is
disabled, with MTEN = 0 in the CONFIG0 register, the APHCAL0 phase compensation
is applied. If multipoint phase and gain correction is enabled, with MTEN = 1, the
APHCAL0 through APHCAL4 value is applied based on the AIRMS current rms
amplitude and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x00B
AVGAIN
Phase A voltage gain adjust.
0x00000000
R/W
0x00C
AIRMSOS
Phase A current rms offset for the filter-based AIRMS calculation.
0x00000000
R/W
0x00D
AVRMSOS
Phase A voltage rms offset for the filter-based AVRMS calculation.
0x00000000
R/W
0x00E
APGAIN
Phase A power gain adjust for the AWATT, AVA, AVAR, AFWATT, AFVA, and AFVAR
calculations.
0x00000000
R/W
0x00F
AWATTOS
Phase A total active power offset correction for the AWATT calculation.
0x00000000
R/W
0x010
AVAROS
Phase A total reactive power offset correction for the AVAR calculation.
0x00000000
R/W
0x011
AFWATTOS
Phase A fundamental active power offset correction for the AFWATT calculation.
0x00000000
R/W
0x012
AFVAROS
Phase A fundamental reactive power offset correction for the AFVAR calculation.
0x00000000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com