công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISC-1310FR bảng dữ liệu(PDF) 5 Page - ORing Industrial Networking Corp

tên linh kiện ISC-1310FR
Giải thích chi tiết về linh kiện  Industrial Serial Media Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ORING [ORing Industrial Networking Corp]
Trang chủ  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

ISC-1310FR bảng dữ liệu(HTML) 5 Page - ORing Industrial Networking Corp

  ISC-1310FR Datasheet HTML 1Page - ORing Industrial Networking Corp ISC-1310FR Datasheet HTML 2Page - ORing Industrial Networking Corp ISC-1310FR Datasheet HTML 3Page - ORing Industrial Networking Corp ISC-1310FR Datasheet HTML 4Page - ORing Industrial Networking Corp ISC-1310FR Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
Shock
IEC60068-2-27
Free Fall
IEC60068-2-31
Vibration
IEC60068-2-6
Warranty
5 years
Ordering Information
ISC- ABCDEF
Code
Definition
Serial port
number
Serial Type
Converter port
number
Converter Type
Other type
Additional function
Option
- 1 : 1 port
- 1 : RS-232
- 2 : RS-422/485
- 3 : RS-232/422/485
- 1 : 1 port
- 0 : other type
- 1 : RS-232
- 2 : RS-422/485
- 3 : RS-232/422/485
- F : Fiber
- R : Ring mode
Available
Model
Model Name
Description
ISC-1310FR-MM-SC
Industrial Serial Media Converter ,1-port RS-232/422/485 to Fiber, SC, multi-mode, 5Km/850nm
ISC-1310FR-SS-SC
Industrial Serial Media Converter ,1-port RS-232/422/485 to Fiber, SC, single-mode, 40Km/1310nm
ISC-1310FR-MM-ST
Industrial Serial Media Converter ,1-port RS-232/422/485 to Fiber, ST, multi-mode, 5Km/850nm
ISC-1310FR-SS-ST
Industrial Serial Media Converter ,1-port RS-232/422/485 to Fiber, ST, single-mode, 40Km/1310nm
Accessories
Fiber Patch Cord
Packing List
O
ISC-1310FR x 1
DIN-Rail Kit x 1
Wall-mount Kit x 1
Quick Installation Guide x 1
FPC-SCST-MM3M
FPC-SCST-SS3M
FPC-SCSC-MM3M
FPC-SCSC-SS3M



Html Pages

1 2 3 4 5