| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3213 bảng dữ liệu(PDF) 3 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
3213 bảng dữ liệu(HTML) 3 Page - Allegro MicroSystems |
|
3 / 11 page ![]() 3213 AND 3214 MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 3 FUNCTIONAL BLOCK DIAGRAM Copyright © 2003 Allegro MicroSystems, Inc. Package Designator ‘UA’ Pinning (SIP) TIMING LOGIC Dwg. FH-020-5 GROUND OUTPUT SUPPLY X SWITCH Dwg. PH-016 1 V DD 3 2 Pinning is shown viewed from branded side. 600 400 200 20 60 100 140 0 AMBIENT TEMPERATURE in °°°°C Dwg. GH-046-9 PACKAGE SUFFIX "UA" R θJA = 165 °C/W 40 80 120 180 700 500 300 100 160 PACKAGE SUFFIX "LH" R θJA = 228 °C/W 800 TEMP. CODE "E" TEMP. CODE "L" NOTE – Allowable package power dissipation will not be exceeded unless Absolute Maximum Ratings (page 1) are exceeded. |