| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IDS-342GT bảng dữ liệu(PDF) 2 Page - ORing Industrial Networking Corp |
|
|
|||||||||||||||||||||||||||||
IDS-342GT bảng dữ liệu(HTML) 2 Page - ORing Industrial Networking Corp |
|
2 / 5 page ![]() * All specifications are subject to change without notice. Designed for Rugged Excellence and rugged IP-30 housing design, IDS-342GT(+) series could operate in the harsh industrial environment. Therefore, IDS-342GT(+) is the best solution to the high demand of secure serial to Ethernet critical data communication. Practical Operation In practical operation of serial device servers, Windows utility (DS-Tool) is supported. This utility is very helpful for you to manage and monitor all of industrial device servers on the industrial network. DS-Tool (Windows Utility): Monitoring and Configuration interface Multiple Host PCs SSL Data Encryption TCP Client/Server Modes IDS-342GT(+) RS-232/422/485 IDS-342GT(+) RS-232/422/485 IDS-342GT(+) RS-232/422/485 IDS-342GT(+) RS-232/422/485 |