| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNC-R2-2H-Ni-CF bảng dữ liệu(PDF) 4 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
TNC-R2-2H-Ni-CF bảng dữ liệu(HTML) 4 Page - DDK Ltd. |
|
4 / 15 page ![]() Unit:mm http://www.ddknet.co.jp TNC Series ◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice. Moreover, the characteristic and the specification of the published product are the reference values. Please confirm the content with the latest delivery specifications when you use the product. 4 Part Number Applicable Cable Finish Assembly Instruction Crimp Tool Outer Conductor Center Conductor TNC-PJ-1.5DQEW-CR10-CF 1.5D-QEW Ni Ag 5 CR-H-1142 1.5D-2W L L TNC-P-2DFB-1 L TNC-J-1.5DXW-CR10-120 L L 17.0 5.0 TNC-J-3D2W-CR10 TNC-BJ-2.5DQEW Panel Mounting Dimensions L 13 10.2 16.8 2 (Detent Diameter) (Flat Diameter) 10.4 +0.1 0 φ11.2 +0.1 0 TNC-PJ-1.5DXW-CR10-M TNC-PJ-1.5DQEW-CR10 26.8 15.8 2.3 □17.5 12.7 4-φ3.0 12.7 4-φ3.0 φ12.0 30.8 15.8 2.3 18.2±0.05 □25.4 18.2 4-M2.5×0.45 φ12.0 TNC-PJ-2H-1.5D-CR10 24.4 14.7 2.3 12 φ6.0 2-φ3.2 2-φ3.2 4-φ3.0 +0.1 0 +0.1 0 L L TNC-P-2DFB-1 L TNC-J-1.5DXW-CR10-120 L L 17.0 5.0 TNC-J-3D2W-CR10 TNC-BJ-2.5DQEW Panel Mounting Dimensions L 13 10.2 16.8 2 (Detent Diameter) (Flat Diameter) 10.4 +0.1 0 φ11.2 +0.1 0 TNC-PJ-1.5DXW-CR10-M TNC-PJ-1.5DQEW-CR10 26.8 15.8 2.3 □17.5 12.7 4-φ3.0 12.7 4-φ3.0 φ12.0 30.8 15.8 2.3 18.2±0.05 □25.4 18.2 4-M2.5×0.45 φ12.0 TNC-PJ-2H-1.5D-CR10 24.4 14.7 2.3 12 φ6.0 2-φ3.2 2-φ3.2 4-φ3.0 +0.1 0 +0.1 0 Part Number Applicable Cable Finish Assembly Instruction Crimp Tool Outer Conductor Center Conductor TNC-PJ-1.5DXW-CR10-M-CF 1.5D-XW Ni Ag 7 CR-H-1100 1.5D-XWTA L L TNC-P-2DFB-1 L TNC-J-1.5DXW-CR10-120 L L 17.0 5.0 TNC-J-3D2W-CR10 TNC-BJ-2.5DQEW Panel Mounting Dimensions L 13 10.2 16.8 2 (Detent Diameter) (Flat Diameter) 10.4 +0.1 0 φ11.2 +0.1 0 TNC-PJ-1.5DXW-CR10-M TNC-PJ-1.5DQEW-CR10 26.8 15.8 2.3 □17.5 12.7 4-φ3.0 12.7 4-φ3.0 φ12.0 30.8 15.8 2.3 18.2±0.05 □25.4 18.2 4-M2.5×0.45 φ12.0 TNC-PJ-2H-1.5D-CR10 24.4 14.7 2.3 12 φ6.0 2-φ3.2 2-φ3.2 4-φ3.0 +0.1 0 +0.1 0 L L TNC-P-2DFB-1 L TNC-J-1.5DXW-CR10-120 L L 17.0 5.0 TNC-J-3D2W-CR10 TNC-BJ-2.5DQEW Panel Mounting Dimensions L 13 10.2 16.8 2 (Detent Diameter) (Flat Diameter) 10.4 +0.1 0 φ11.2 +0.1 0 TNC-PJ-1.5DXW-CR10-M TNC-PJ-1.5DQEW-CR10 26.8 15.8 2.3 □17.5 12.7 4-φ3.0 12.7 4-φ3.0 φ12.0 30.8 15.8 2.3 18.2±0.05 □25.4 18.2 4-M2.5×0.45 φ12.0 TNC-PJ-2H-1.5D-CR10 24.4 14.7 2.3 12 φ6.0 2-φ3.2 2-φ3.2 4-φ3.0 +0.1 0 +0.1 0 Panel Mounting Dimensions Crimp Type Part Number Applicable Cable Finish Assembly Instruction Crimp Tool Outer Conductor Center Conductor TNC-PJ-2H-1.5D-CR10-CF 1.5D-QEV Ni Ag 5 CR-H-1101 1.5D-2V L L TNC-P-2DFB-1 L TNC-J-1.5DXW-CR10-120 L L 17.0 5.0 TNC-J-3D2W-CR10 TNC-BJ-2.5DQEW Panel Mounting Dimensions L 13 10.2 16.8 2 (Detent Diameter) (Flat Diameter) 10.4 +0.1 0 φ11.2 +0.1 0 TNC-PJ-1.5DXW-CR10-M TNC-PJ-1.5DQEW-CR10 26.8 15.8 2.3 □17.5 12.7 4-φ3.0 12.7 4-φ3.0 φ12.0 30.8 15.8 2.3 18.2±0.05 □25.4 18.2 4-M2.5×0.45 φ12.0 TNC-PJ-2H-1.5D-CR10 24.4 14.7 2.3 12 φ6.0 2-φ3.2 2-φ3.2 4-φ3.0 +0.1 0 +0.1 0 L L TNC-P-2DFB-1 L TNC-J-1.5DXW-CR10-120 L L 17.0 5.0 TNC-J-3D2W-CR10 TNC-BJ-2.5DQEW Panel Mounting Dimensions L 13 10.2 16.8 2 (Detent Diameter) (Flat Diameter) 10.4 +0.1 0 φ11.2 +0.1 0 TNC-PJ-1.5DXW-CR10-M TNC-PJ-1.5DQEW-CR10 26.8 15.8 2.3 □17.5 12.7 4-φ3.0 12.7 4-φ3.0 φ12.0 30.8 15.8 2.3 18.2±0.05 □25.4 18.2 4-M2.5×0.45 φ12.0 TNC-PJ-2H-1.5D-CR10 24.4 14.7 2.3 12 φ6.0 2-φ3.2 2-φ3.2 4-φ3.0 +0.1 0 +0.1 0 ○Straight Panel Cable Jack Panel Mounting Dimensions Panel Mounting Dimensions |