| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNC-R2-NiCAu-CF bảng dữ liệu(PDF) 5 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
TNC-R2-NiCAu-CF bảng dữ liệu(HTML) 5 Page - DDK Ltd. |
|
5 / 15 page ![]() Unit:mm http://www.ddknet.co.jp TNC Series ◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice. Moreover, the characteristic and the specification of the published product are the reference values. Please confirm the content with the latest delivery specifications when you use the product. Part Number Finish Outer Conductor Center Conductor TNC-R-CF Ag Au TNC-R-NiCAu-CF Ni Au TNC-R TNC-R-NiAU TNC-R2-Ni TNC-R2 TNC-R2-2H-Ni TNC-SR-3 TNC-SR-6 TNC-SR-9 26.3 15.8 2.3 12.7 □17.5 4-M2.6×0.45 12.7±0.05 φ11.1 +0.2 0 4-φ2.8±0.15 □17.5 12.7 26.3 15.8 2.3 12.7±0.05 φ11.1 +0.2 0 4-φ3.0 +0.1 0 4-φ3.0 26.3 15.8 2.3 11 2-φ3.0 2-φ3 +0.1 0 φ9.0 +0.1 0 27.7 15.8 9.6 4 2.3 □17.5 12.7 □17.5 12.7 4-φ3.0 12.7±0.05 φ12 +0.1 0 4-φ3.0 +0.1 0 12.7±0.05 φ4.1 +0.1 0 4-φ3.1 +0.1 0 17.8 6.8 26.6 2 2 2 17.8 8.5 2 26.6 4-φ3.0 (Thru-Hole) □17.5 12.7 4-φ3.0 (Thru-Hole) 12.7±0.05 φ4.1 +0.1 0 4-φ3.1 +0.1 0 Part Number Finish Outer Conductor Center Conductor TNC-R2-CF Ag Ag TNC-R2-Ni-CF Ni Ag TNC-R2-NiCAu-CF Ni Au TNC-R TNC-R-NiAU TNC-R2-Ni TNC-R2 TNC-R2-2H-Ni TNC-SR-3 TNC-SR-6 TNC-SR-9 26.3 15.8 2.3 12.7 □17.5 4-M2.6×0.45 12.7±0.05 φ11.1 +0.2 0 4-φ2.8±0.15 □17.5 12.7 26.3 15.8 2.3 12.7±0.05 φ11.1 +0.2 0 4-φ3.0 +0.1 0 4-φ3.0 26.3 15.8 2.3 11 2-φ3.0 2-φ3 +0.1 0 φ9.0 +0.1 0 27.7 15.8 9.6 4 2.3 □17.5 12.7 □17.5 12.7 4-φ3.0 12.7±0.05 φ12 +0.1 0 4-φ3.0 +0.1 0 12.7±0.05 φ4.1 +0.1 0 4-φ3.1 +0.1 0 17.8 6.8 26.6 2 2 2 17.8 8.5 2 26.6 4-φ3.0 (Thru-Hole) □17.5 12.7 4-φ3.0 (Thru-Hole) 12.7±0.05 φ4.1 +0.1 0 4-φ3.1 +0.1 0 Part Number Finish Outer Conductor Center Conductor TNC-R2-2H-Ni-CF Ni Ag TNC-R TNC-R-NiAU TNC-R2-Ni TNC-R2 TNC-R2-2H-Ni TNC-SR-3 TNC-SR-6 TNC-SR-9 26.3 15.8 2.3 12.7 □17.5 4-M2.6×0.45 12.7±0.05 φ11.1 +0.2 0 4-φ2.8±0.15 □17.5 12.7 26.3 15.8 2.3 12.7±0.05 φ11.1 +0.2 0 4-φ3.0 +0.1 0 4-φ3.0 26.3 15.8 2.3 11 2-φ3.0 2-φ3 +0.1 0 φ9.0 +0.1 0 27.7 15.8 9.6 4 2.3 □17.5 12.7 □17.5 12.7 4-φ3.0 12.7±0.05 φ12 +0.1 0 4-φ3.0 +0.1 0 12.7±0.05 φ4.1 +0.1 0 4-φ3.1 +0.1 0 17.8 6.8 26.6 2 2 2 17.8 8.5 2 26.6 4-φ3.0 (Thru-Hole) □17.5 12.7 4-φ3.0 (Thru-Hole) 12.7±0.05 φ4.1 +0.1 0 4-φ3.1 +0.1 0 5 ○ Receptacle Jack Panel Mounting Dimensions Panel Mounting Dimensions Panel Mounting Dimensions |