| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7142 bảng dữ liệu(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7142 bảng dữ liệu(HTML) 21 Page - Analog Devices |
|
21 / 70 page ![]() Data Sheet AD7142 Rev. B | Page 21 of 70 FF_SKIP_CNT The proximity detection fast FIFO is used by the on-chip logic to determine if proximity is detected. The fast FIFO expects to receive samples from the converter at a set rate. FF_SKIP_CNT is used to normalize the frequency of the samples going into the FIFO, regardless of how many conversion stages are in a sequence. In Register 0x02, Bits[3:0] are the fast filter skip control, FF_SKIP_CNT. This value determines which CDC samples are not used (skipped) in the proximity detection fast FIFO. Determining the FF_SKIP_CNT value is required only once during the initial setup of the capacitance sensor interface. Table 13 shows how FF_SKIP_CNT controls the update rate to the fast FIFO. Recommended value for this setting when using all 12 conversion stages on the AD7142 is FF_SKIP_CNT = 0000 = no samples skipped. Table 13. FF_SKIP_CNT Settings FAST FIFO Update Rate FF_SKIP_CNT DECIMATION = 128 DECIMATION = 256 0 1.536 × (SEQUENCE_STAGE_NUM + 1) ms 3.072 × (SEQUENCE_STAGE_NUM + 1) ms 1 3.072 × (SEQUENCE_STAGE_NUM + 1) ms 6.144 × (SEQUENCE_STAGE_NUM + 1) ms 2 4.608 × (SEQUENCE_STAGE_NUM + 1) ms 9.216 × (SEQUENCE_STAGE_NUM + 1) ms 3 6.144 × (SEQUENCE_STAGE_NUM + 1) ms 12.288 × (SEQUENCE_STAGE_NUM + 1) ms 4 7.68 × (SEQUENCE_STAGE_NUM + 1) ms 15.36 × (SEQUENCE_STAGE_NUM + 1) ms 5 9.216 × (SEQUENCE_STAGE_NUM + 1) ms 18.432 × (SEQUENCE_STAGE_NUM + 1) ms 6 10.752 × (SEQUENCE_STAGE_NUM + 1) ms 21.504 × (SEQUENCE_STAGE_NUM + 1) ms 7 12.288 × (SEQUENCE_STAGE_NUM + 1) ms 24.576 × (SEQUENCE_STAGE_NUM + 1) ms 8 13.824 × (SEQUENCE_STAGE_NUM + 1) ms 27.648 × (SEQUENCE_STAGE_NUM + 1) ms 9 15.36 × (SEQUENCE_STAGE_NUM + 1) ms 30.72 × (SEQUENCE_STAGE_NUM + 1) ms 10 16.896 × (SEQUENCE_STAGE_NUM + 1) ms 33.792 × (SEQUENCE_STAGE_NUM + 1) ms 11 18.432 × (SEQUENCE_STAGE_NUM + 1) ms 36.864 × (SEQUENCE_STAGE_NUM + 1) ms 12 19.968 × (SEQUENCE_STAGE_NUM + 1) ms 39.936 × (SEQUENCE_STAGE_NUM + 1) ms 13 21.504 × (SEQUENCE_STAGE_NUM + 1) ms 43.008 × (SEQUENCE_STAGE_NUM + 1) ms 14 23.04 × (SEQUENCE_STAGE_NUM + 1) ms 46.08 × (SEQUENCE_STAGE_NUM + 1) ms 15 24.576 × (SEQUENCE_STAGE_NUM + 1) ms 49.152 × (SEQUENCE_STAGE_NUM + 1) ms |