công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP3B155K025C2000AS bảng dữ liệu(PDF) 16 Page - Vishay Siliconix

tên linh kiện TP3B155K025C2000AS
Giải thích chi tiết về linh kiện  Solid Tantalum Surface Mount Chip Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3B155K025C2000AS bảng dữ liệu(HTML) 16 Page - Vishay Siliconix

Back Button TP3B155K025C2000AS Datasheet HTML 12Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 13Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 14Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 15Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 16Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 17Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 18Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 19Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 20Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Molded Guide
www.vishay.com
Vishay Sprague
Revision: 12-Sep-17
4
Document Number: 40074
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HIGH RELIABILITY PRODUCTS
SOLID TANTALUM CAPACITORS - MOLDED CASE
SERIES
TM3
T83
T86
CWR11
95158
PRODUCT
IMAGE
TYPE
TANTAMOUNT™,
molded case,
Hi-Rel.
TANTAMOUNT™, molded case,
Hi-Rel. COTS
TANTAMOUNT™, molded case,
DLA approved
FEATURES
High reliability,
for Medical
Instruments
High reliability,
standard and
low ESR
High reliability,
built-in fuse,
standard and
low ESR
MIL-PRF-55365/8
qualified
Low ESR
TEMPERATURE
RANGE
-55 °C to +125 °C
CAPACITANCE
RANGE
1 μF to 220 μF
0.1 μF to 470 μF 0.47 μF to 330 μF
0.1 μF to 100 μF
4.7 μF to 220 μF
VOLTAGE RANGE
4 V to 20 V
4 V to 63 V
4 V to 50 V
CAPACITANCE
TOLERANCE
± 10 %, ± 20 %
± 5 %, ± 10 %, ± 20 %
± 10 %, ± 20 %
LEAKAGE
CURRENT
0.005 CV or 0.25 μA,
whichever is greater
0.01 CV or 0.5 μA, whichever is greater
DISSIPATION
FACTOR
4 % to 8 %
4 % to 15 %
6 % to 16 %
4 % to 6 %
4 % to 12 %
CASE CODES
A, B, C, D, E
A, B, C, D, E
C, D, E
A, B, C, D
C, D, E
TERMINATION
100 % matte tin;
tin / lead
100 % matte tin;
tin / lead;
tin / lead
solder fused
100 % matte tin
Tin / lead;
tin / lead solder fused
Tin / lead solder plated;
gold plated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com