công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP3B105K025C2000AS bảng dữ liệu(PDF) 21 Page - Vishay Siliconix

tên linh kiện TP3B105K025C2000AS
Giải thích chi tiết về linh kiện  Solid Tantalum Surface Mount Chip Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3B105K025C2000AS bảng dữ liệu(HTML) 21 Page - Vishay Siliconix

Back Button TP3B105K025C2000AS Datasheet HTML 15Page - Vishay Siliconix TP3B105K025C2000AS Datasheet HTML 16Page - Vishay Siliconix TP3B105K025C2000AS Datasheet HTML 17Page - Vishay Siliconix TP3B105K025C2000AS Datasheet HTML 18Page - Vishay Siliconix TP3B105K025C2000AS Datasheet HTML 19Page - Vishay Siliconix TP3B105K025C2000AS Datasheet HTML 20Page - Vishay Siliconix TP3B105K025C2000AS Datasheet HTML 21Page - Vishay Siliconix TP3B105K025C2000AS Datasheet HTML 22Page - Vishay Siliconix TP3B105K025C2000AS Datasheet HTML 23Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Typical Performance Characteristics
www.vishay.com
Vishay Sprague
Revision: 26-Jun-17
2
Document Number: 40215
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Below 85 °C category voltage is equal to rated voltage
Note
• At +25 °C, the leakage current shall not exceed the value listed in the Standard Ratings table.
At +85 °C, the leakage current shall not exceed 10 times the value listed in the Standard Ratings table.
At +125 °C, the leakage current shall not exceed 12 times the value listed in the Standard Ratings table.
At +150 °C, the leakage current shall not exceed 15 times the value listed in the Standard Ratings table.
At +175 °C, the leakage current shall not exceed 18 times the value listed in the Standard Ratings table
CATEGORY VOLTAGE VS. TEMPERATURE
TYPICAL LEAKAGE CURRENT FACTOR
Temperature (°C)
1.0
0.8
0.6
0.4
0.2
0
-55
0
25
85
125
150
175
Voltage-Temperature Derating Coefficient
Percent of Rated Voltage
100
10
1
0.1
0.01
0.001
0
102030405060708090 100
+125 °C
+85 °C
+55 °C
+25 °C
- 55 °C
+150 °C
+175 °C
0 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com