| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72F324LJ6T5 bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F324LJ6T5 bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 151 page ![]() ST72F324L, ST72324BL 6/151 1 INTRODUCTION The ST72F324L and ST72324BL devices are members of the ST7 microcontroller family de- signed for the 3V operating range. They can be grouped as follows: – The 32-pin devices are designed for mid-range applications – The 44-pin devices target the same range of ap- plications requiring more than 24 I/O ports. All devices are based on a common industry- standard 8-bit core, featuring an enhanced instruc- tion set and are available with FLASH or ROM pro- gram memory. Under software control, all devices can be placed in WAIT, SLOW, ACTIVE-HALT or HALT mode, reducing power consumption when the application is in idle or stand-by state. The enhanced instruction set and addressing modes of the ST7 offer both power and flexibility to software developers, enabling the design of highly efficient and compact application code. In addition to standard 8-bit data management, all ST7 micro- controllers feature true bit manipulation, 8x8 un- signed multiplication and indirect addressing modes. Figure 1. Device Block Diagram 8-BIT CORE ALU OSC1 VPP CONTROL PROGRAM (8K - 60K Bytes) VDD RESET PORT F PF7:6,4,2:0 TIMER A BEEP PORT A RAM (384 - 2048 Bytes) PORT C 10-BIT ADC VAREF VSSA PORT B PB4:0 PORT E PE1:0 (2 bits) SCI TIMER B PA7:3 (5 bits on J devices) PORT D PD5:0 SPI PC7:0 (8 bits) VSS WATCHDOG OSC OSC2 MEMORY MCC/RTC/BEEP (4 bits on K devices) (5 bits on J devices) (3 bits on K devices) (6 bits on J devices) (2 bits on K devices) (6 bits on J devices) (5 bits on K devices) 3 |