công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320LC2402APG bảng dữ liệu(PDF) 89 Page - Texas Instruments

tên linh kiện TMS320LC2402APG
Giải thích chi tiết về linh kiện  DSP CONTROLLERS
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2402APG bảng dữ liệu(HTML) 89 Page - Texas Instruments

Back Button TMS320LC2402APG Datasheet HTML 85Page - Texas Instruments TMS320LC2402APG Datasheet HTML 86Page - Texas Instruments TMS320LC2402APG Datasheet HTML 87Page - Texas Instruments TMS320LC2402APG Datasheet HTML 88Page - Texas Instruments TMS320LC2402APG Datasheet HTML 89Page - Texas Instruments TMS320LC2402APG Datasheet HTML 90Page - Texas Instruments TMS320LC2402APG Datasheet HTML 91Page - Texas Instruments TMS320LC2402APG Datasheet HTML 92Page - Texas Instruments TMS320LC2402APG Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 133 page
background image
TMS320LF2407A, TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145J − JULY 2000 − REVISED NOVEMER 2004
89
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
interrupt timing
INT refers to XINT1 and XINT2. PDP refers to PDPINTx.
switching characteristics over recommended operating conditions (see Figure 38)
PARAMETER
MIN
MAX
UNIT
td(PDP-PWM)HZ
Delay time, PDPINTA low to PWM
if bit 6 of SCSR2 = 0
(6 + 1)tc(CO) + 12†
ns
td(PDP-PWM)HZ
Delay time, PDPINTA low to PWM
high-impedance state
if bit 6 of SCSR2 = 1
(12+ 1)tc(CO) + 12†
ns
td(INT)
Delay time, INT low/high to interrupt-vector
fetch
10tc(CO) + tW (INT)
ns
† Includes i/p qualifier cycles plus synchronization plus propagation delay
timing requirements (see Figure 38)
MIN
MAX
UNIT
tw(INT)†
Pulse duration, INT input low/high
if bit 6 of SCSR2 = 0
6tc(CO)
ns
tw(INT)†
Pulse duration, INT input low/high
if bit 6 of SCSR2 = 1
12tc(CO)
ns
tw(PDP)†
Pulse duration, PDPINTx input low
if bit 6 of SCSR2 = 0
6tc(CO)
ns
tw(PDP)†
Pulse duration, PDPINTx input low
if bit 6 of SCSR2 = 1
12tc(CO)
ns
† This is different from 240x devices.
PWM†
PDPINTx
CLKOUT
tw(PDP)
td(PDP-PWM)HZ
XINT1, XINT2
tw(INT)
Interrupt Vector
td(INT)
† PWM refers to all the PWM pins in the device (i.e., PWMn and TnPWM pins). The state of the PWM pins after PDPINTx is taken
high depends on the state of the FCOMPOE bit.
A0−A15
Figure 38. External Interrupts Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More