công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IPS-1080A bảng dữ liệu(PDF) 2 Page - ORing Industrial Networking Corp

tên linh kiện IPS-1080A
Giải thích chi tiết về linh kiện  Industrial 8-port slim type unmanaged PoE Ethernet switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ORING [ORing Industrial Networking Corp]
Trang chủ  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IPS-1080A bảng dữ liệu(HTML) 2 Page - ORing Industrial Networking Corp

  IPS-1080A Datasheet HTML 1Page - ORing Industrial Networking Corp IPS-1080A Datasheet HTML 2Page - ORing Industrial Networking Corp IPS-1080A Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
www.oring-networking.com
1-392
Dimensions
(Unit=mm)
ORing Switch Model
IPS-1080A
Physical Ports
10/100Base-T(X) Ports in RJ45 Auto MDI/MDIX with
P.S.E.
8
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX
IEEE 802.3x for Flow control
IEEE 802.3at PoE specification (total power budget is 180Watts with maximum 30Watts per port)
Specifications
Industrial Ethernet Switch DIN-Rail Unmanaged PoE Ethernet Switch
v1.0 / Jun, 2013
PoE Pin Assignment
10/100Base-T(X) P.S.E. RJ-45 Port
RJ-45 Pin Definition
Pin No.
Description
#1
TD+ with PoE Power input +
#2
TD- with PoE Power input +
#3
RD+ with PoE Power input -
#6
RD- with PoE Power input -



Html Pages

1 2 3