| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TUSB1046AI-DCI bảng dữ liệu(PDF) 38 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB1046AI-DCI bảng dữ liệu(HTML) 38 Page - Texas Instruments |
|
38 / 48 page ![]() USB Host GPU TUSB1046A-DCI PD Controller USB Hub DP RX TUSB1064 PD Controller D+/- SSTX SSRX SSTX SSRX DP0 DP1 DP2 DP3 AUXp AUXn SBU1 SBU2 CC1 CC2 Control HPD HPD Control TX1 TX2 RX1 RX2 TX2 TX1 RX2 RX1 CTL1/0/FLIP=H/L/H CTL1/0/FLIP=H/L/H 4 Lane DP CTL FLIP 0 1 CTL FLIP 0 1 HPDIN HPDIN D+/- SBU1 SBU2 CC1 CC2 DP0 DP1 DP2 DP3 AUXn AUXp Copyright © 2017, Texas Instruments Incorporated 38 TUSB1046A-DCI SLLSF13 – JUNE 2017 www.ti.com Product Folder Links: TUSB1046A-DCI Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated System Examples (continued) Figure 35. Four Lane DP – With Flip (CTL1 = H, CTL0 = L, FLIP = H) 10 Power Supply Recommendations The TUSB1046-DCI is designed to operate with a 3.3-V power supply. Levels above those listed in the Absolute Maximum Ratings table should not be used. If using a higher voltage system power supply, a voltage regulator can be used to step down to 3.3 V. Decoupling capacitors should be used to reduce noise and improve power supply integrity. A 0.1-µF capacitor should be used on each power pin. |