| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AC16FSM bảng dữ liệu(PDF) 127 Page - Teccor Electronics |
|
|
|||||||||||||||||||||||||||||
AC16FSM bảng dữ liệu(HTML) 127 Page - Teccor Electronics |
|
127 / 223 page ![]() ©2002 Teccor Electronics AN1002 - 1 http://www.teccor.com Thyristor Product Catalog +1 972-580-7777 AN1002 Gating, Latching, and Holding of SCRs and Triacs Introduction Gating, latching, and holding currents of thyristors are some of the most important parameters. These parameters and their interrelationship determine whether the SCRs and triacs will function properly in various circuit applications. This application note describes how the SCR and triac parame- ters are related. This knowledge helps users select best operat- ing modes for various circuit applications. Gating of SCRs and Triacs Three general methods are available to switch thyristors to on-state condition: • Applying proper gate signal • Exceeding thyristor static dv/dt characteristics • Exceeding voltage breakover point This application note examines only the application of proper gate signal. Gate signal must exceed the IGT and VGT require- ments of the thyristor being used. IGT (gate trigger current) is the minimum gate current required to switch a thyristor from the off state to the on state. VGT (gate trigger voltage) is the voltage required to produce the gate trigger current. SCRs (unilateral devices) require a positive gate signal with respect to the cathode polarity. Figure AN1002.1 shows the cur- rent flow in a cross-sectional view of the SCR chip. Figure AN1002.1 SCR Current Flow In order for the SCR to latch on, the anode-to-cathode current (IT) must exceed the latching current (IL) requirement. Once latched on, the SCR remains on until it is turned off when anode-to-cath- ode current drops below holding current (IH) requirement. Triacs (bilateral devices) can be gated on with a gate signal of either polarity with respect to the MT1 terminal; however, differ- ent polarities have different requirements of IGT and VGT. Figure AN1002.2 illustrates current flow through the triac chip in various gating modes. Figure AN1002.2 Triac Current Flow (Four Operating Modes) P N N P Anode Cathode Gate (+) (-) (+) I T IGT N N N N N N P P P P Gate(+) MT1(-) IGT N N IT MT2(+) QUADRANT I Gate(-) MT1(-) MT2(+) QUADRANT II IGT N N N N N N N N P P P P Gate(+) MT1(+) IGT QUADRANT III Gate(-) MT1(+) MT2(-) QUADRANT IV IT IT IGT MT2(-) AN1002 |