| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AC12FSM bảng dữ liệu(PDF) 108 Page - Teccor Electronics |
|
|
|||||||||||||||||||||||||||||
AC12FSM bảng dữ liệu(HTML) 108 Page - Teccor Electronics |
|
108 / 223 page ![]() http://www.teccor.com M2 - 8 ©2002 Teccor Electronics +1 972-580-7777 Thyristor Product Catalog Lead Form Dimensions Data Sheets TO-92 Type 73 — E Package Surface Mount TO-92 Type 75 — E Package Replaces TO-5 Pinout TO-218 Type 81 — K, M, J, or W Packages TO-218 Type 82 — M and W Packages Dimension Inches Millimeters MIN MAX MIN MAX A 0.000 0.010 0.000 0.254 B 0.052 0.067 1.320 1.700 C 0.295 0.315 7.490 8.000 Dimension Inches Millimeters MIN MAX MIN MAX A 0.400 10.16 B 0.500 12.70 C 0.080 0.120 2.03 3.05 D 0.045 0.085 1.14 2.16 E 0.180 0.220 4.57 5.59 F 0.080 0.120 2.03 3.05 A B C MT2 / Anode/ Pin 3 Gate / Pin 2 MT1 / Cathode / Pin 1 0.034 TYP 0.016 TYP 0.08 Pad Outline MT2 / Anode / Pin 3 F B A Gate / Pin 2 Flat Side D TYP E C MT1 / Cathode / Pin 1 Gate / Pin 2 Dimension Inches Millimeters MIN MAX MIN MAX A 0.080 0.120 2.03 3.05 B 0.580 0.640 14.73 16.26 Dimension Inches Millimeters MIN MAX MIN MAX A 0.095 2.41 B 0.080 0.120 2.03 3.05 C 0.580 0.640 14.73 16.26 B MT1 / Cathode A Gate Mounting Tab Common to MT2 / Anode on W Package MT2 / Anode C MT1 / Cathode B Gate Mounting Tab Common to MT2 / Anode A |