| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AC12FSM bảng dữ liệu(PDF) 104 Page - Teccor Electronics |
|
|
|||||||||||||||||||||||||||||
AC12FSM bảng dữ liệu(HTML) 104 Page - Teccor Electronics |
|
104 / 223 page ![]() http://www.teccor.com M2 - 4 ©2002 Teccor Electronics +1 972-580-7777 Thyristor Product Catalog Lead Form Dimensions Data Sheets TO-202AB Type 4 — F Package TO-202AB Type 41 — F Package TO-202AB Type 43 — F Package Surface Mount TO-220 Type 51 — R or L Package Replaces RCA 6249 Dimension Inches Millimeters MIN MAX MIN MAX A 0.240 0.260 6.100 6.600 B 0.114 0.134 2.900 3.400 C 0.023 0.029 0.584 0.737 D 0.030 0.050 0.762 1.270 E 0.297 0.327 7.540 8.310 F 0.030 0.050 0.765 1.270 G 0.297 0.327 7.540 8.310 Dimension Inches Millimeters MIN MAX MIN MAX A 0.380 0.420 9.65 10.67 B 0.180 0.220 4.57 5.59 A B C MT2 / Anode D E F G Gate MT1 / Cathode MT2 / Anode Gate MT1 / Cathode B A Dimension Inches Millimeters MIN MAX MIN MAX A 0.030 0.050 0.762 1.270 B 0.680 0.760 17.270 19.300 C 0.110 0.130 2.800 3.300 D 0.080 0.100 2.030 2.540 E 0.080 0.100 2.030 2.540 F 0.110 0.130 2.800 3.300 G 0.000 0.013 0.000 0.330 Dimension Inches Millimeters MIN MAX MIN MAX A 0.320 0.340 8.13 8.64 B 0.190 4.83 C 0.795 0.850 20.19 21.59 MT2 / Anode A Gate MT1 / Cathode B F E D C 0.150 0.450 0.150 0.050 Five PLCs Pad Outline G A C MT2 / Anode Gate B Ref Only Mounting Tab Common to MT2 / Anode for Non-isolated R Package MT1 / Cathode |