| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AC08FSM bảng dữ liệu(PDF) 171 Page - Teccor Electronics |
|
|
|||||||||||||||||||||||||||||
AC08FSM bảng dữ liệu(HTML) 171 Page - Teccor Electronics |
|
171 / 223 page ![]() Application Notes AN1006 ©2002 Teccor Electronics AN1006 - 19 http://www.teccor.com Thyristor Product Catalog +1 972-580-7777 Figure AN1006.28 Tektronix Model 577 Curve Tracer BRIGHTNESS STORE INTENSITY FOCUS POWER STEP/OFFSET AMPLIFIER POLARITY OFFSET MULTI POSITION POSITION DISPLAY MAX PEAK VOLTS VARIABLE COLLECTOR% COLLECTOR SUPPLY POLARITY STEP RATE COLLECTOR SUPPLY TERMINAL JACKS SENSE SENSE SENSE SENSE C B E C B E E E CC KELVIN TERMINALS USED WHEN MEASURING VTM OR VFM VARIABLE VOLTAGE LOOPING COMPENSATION STEP GEN OUTPUT (off) VARIABLE OUTPUT EXT BASE OR EMIT INPUT VERTICAL RIGHT LEFT Avoid extremely bright display Adjust for best focus STEP GENERATOR SECTION NUMBER OF STEPS STEP/OFFSET POLARITY HORIZONTAL VOLTAGE CONTROL Note: All Voltage Settings Will Be Referenced to "Collector" Indicates Dangerous Voltages on Test jacks VERTICAL CURRENT SUPPLY LEFT-RIGHT SELECTOR FOR TERMINAL JACKS Indicates Collector Supply Disabled Watch high power settings. Can damage device under test MAX PEAK POWER (POWER DISSIPATION) VARIABLE COLLECTOR SUPPLY VOLTAGE RANGE CRT VARIABLE COLLECTOR SUPPLY VOLTAGE MT1/CATHODE GATE/TRIGGER MT2/ANODE Terminal Selector GROUND BEAM FINDER STEP FAMILY |