| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AC08FSM bảng dữ liệu(PDF) 93 Page - Teccor Electronics |
|
|
|||||||||||||||||||||||||||||
AC08FSM bảng dữ liệu(HTML) 93 Page - Teccor Electronics |
|
93 / 223 page ![]() 2002 Teccor Electronics M1 - 1 http://www.teccor.com Thyristor Product Catalog +1 972-580-7777 Package Dimensions M1 This section contains the dimensions for the following packages: • F Package — TO-202AB, Type 1 (Non-isolated) • Y Package — DO-35 or DO-204AH • R Package — TO-220AB (Non-isolated) • L Package — TO-220AB (Isolated) • P Package — TO-3 Fastpak (Isolated) • E Package — TO-92 (Isolated) • S Package — DO-214AA • M Package — TO-218AC (Non-isolated) • K Package — TO-218AC (Isolated) • W Package — TO-218X (Non-isolated) • J Package — TO-218X (Isolated) • G Package — DO-15X Axial Lead • C Package — Compak • N Package — TO-263 • D Package — TO-252 • V Package — TO-251 M1 |