công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MUX506IPWR bảng dữ liệu(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MUX506IPWR
Giải thích chi tiết về linh kiện  36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MUX506IPWR bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button MUX506IPWR Datasheet HTML 25Page - Texas Instruments MUX506IPWR Datasheet HTML 26Page - Texas Instruments MUX506IPWR Datasheet HTML 27Page - Texas Instruments MUX506IPWR Datasheet HTML 28Page - Texas Instruments MUX506IPWR Datasheet HTML 29Page - Texas Instruments MUX506IPWR Datasheet HTML 30Page - Texas Instruments MUX506IPWR Datasheet HTML 31Page - Texas Instruments MUX506IPWR Datasheet HTML 32Page - Texas Instruments MUX506IPWR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
±20
±15
±10
±5
0
5
10
15
20
ADC Differential Peak-to-Peak Input (V)
C030
29
MUX506, MUX507
www.ti.com
SBAS803A – NOVEMBER 2016 – REVISED NOVEMBER 2017
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Application (continued)
9.2.2 Detailed Design Procedure
The purpose of this precision design is to design an optimal, high-voltage, multiplexed, data-acquisition system
for highest system linearity and fast settling. The overall system block diagram is illustrated in Figure 42. The
circuit is a multichannel, data-acquisition signal chain consisting of an input low-pass filter, mux, mux output
buffer, attenuating SAR ADC driver, and the reference driver. The architecture allows fast sampling of multiple
channels using a single ADC, providing a low-cost solution. This design systematically approaches each analog
circuit block to achieve a 16-bit settling for a full-scale input stage voltage and linearity for a 10-kHz sinusoidal
input signal at each input channel. Detailed design considerations and component selection procedure can be
found in the TI Precision Design TIPD151, 16-Bit, 400-kSPS, 4-Channel Multiplexed Data-Acquisition System for
High-Voltage Inputs with Lowest Distortion.
9.2.3 Application Curve
Figure 43. ADC 16-Bit Linearity Error for the Multiplexed Data-Acquisition Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com