| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCMP384LCA bảng dữ liệu(PDF) 1 Page - World Produts Inc. |
|
|
|||||||||||||||||||||||||||||
PCMP384LCA bảng dữ liệu(HTML) 1 Page - World Produts Inc. |
|
1 / 26 page ![]() Pilkor components Metallized Polypropylene PCMP 384 film capacitors 185 MMKP RADIAL POTTED CAPACITORS Pitch 10.0/15.0/22.5/27.5mm (reduced pitch 7.5mm) QUICK REFERENCE DATA Capacitance range (E24 series) Capacitance tolerance Rated voltage (DC) Climatic category Temperature range Reference specification Potting & Encapsulation material 0.00022 to 1.0㎌ ± 3.5%, ±5%, ±10% 250V, 400V, 630V, 800V, 1000V, 1250V, 1600V, 2000V, 2500V 55/105/56 -55℃ ~ +105℃ IEC 60384-17 / 16 Qualified in accordance with UL94V-0 FEATURES . Double sided metallized electrodes . Low contact resistance . Low loss dielectric . Small dimension for high density packaging . Supplied loose in box and ammo pack APPLICATIONS . Electronic lighting e.g. Ballast . S-correction, Fly-back circuit in television receivers . UPS, Inverters . IGBT Snubber . Protection power semi-conductor • Please refer to caution and warning at http://www.pilkor.co.kr/download/Introductions.pdf before using these products. |
Số phần tương tự - PCMP384LCA |
|
Mô tả tương tự - PCMP384LCA |