công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECWFD2W334 bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor

tên linh kiện ECWFD2W334
Giải thích chi tiết về linh kiện  Metallized Polypropylene Film Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2W334 bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor

  ECWFD2W334 Datasheet HTML 1Page - Panasonic Semiconductor ECWFD2W334 Datasheet HTML 2Page - Panasonic Semiconductor ECWFD2W334 Datasheet HTML 3Page - Panasonic Semiconductor ECWFD2W334 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Plastic Film Capacitors
1
2
3
4
5
6
7
8
9
11
E
C
W
FD
12
Product code
Dielectric &
construction
Cap. Tol.
Rated voltage
Capacitance
Suffix
10
Code
Blank
B
Q
C
3
4
Lead Form
Straight
Crimped lead
Crimped lead
Cut lead
Crimped taping (Ammo)
Odd size taping
J
±5 %
K
±10 %
2W
450 V.DC
2J
630 V.DC
1
2
3
4
5
6
7
8
9
11
E
C
W
FD
12
Product code
Dielectric &
construction
Suffix 1
Rated voltage
Capacitance
Suffix 2
10
Code
1
B
Q
C
3
4
Lead Form
Straight
Crimped lead
Crimped lead
Cut lead
Crimped taping (Ammo)
Odd size taping
P
±5 %(J)
Q
±10 %(K)
Code
Cap. Tol.
2W
450 V.DC
2J
630 V.DC
● Small size
● Excellent frequency characteristics
● Low loss
● Flame-retardant epoxy resin coating
● Low Hum Sound Noise
● RoHS directive compliant
● Active filter circuit
● High frequency circuit
● Short lead space product 450 V.DC (0.47 μF, 0.68 μF, 1.0 μF), 630 V.DC (1.0 μF)
● Standard product
Non-inductive construction using metalized Polypropylene
film with flame retardant epoxy resin coating.
Features
Metallized Polypropylene
Film Capacitor
Type : ECWFD
Recommended applications
Explanation of part number
Sep. 2017
03


Số phần tương tự - ECWFD2W334

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
ECWFD2W334 PANASONIC-ECWFD2W334 Datasheet
241Kb / 5P
Metallized Polypropylene Film Capacitor
ECWFD2W334 PANASONIC-ECWFD2W334 Datasheet
1Mb / 16P
Plastic Film Capacitors
31-Jul-19
ECWFD2W334 PANASONIC-ECWFD2W334 Datasheet
1Mb / 16P
Plastic Film Capacitors
31-Jul-19
ECWFD2W334J PANASONIC-ECWFD2W334J Datasheet
3Mb / 19P
Plastic Film Capacitors
23-Apr-25
ECWFD2W334J3 PANASONIC-ECWFD2W334J3 Datasheet
3Mb / 19P
Plastic Film Capacitors
23-Apr-25
More results

Mô tả tương tự - ECWFD2W334

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
Metallized Polypropylene Film Capacitor
04-Jul-05
logo
Kemet Corporation
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX4300ZBNJ KEMET-C4BSPBX4300ZBNJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
R46KI368000P0K KEMET-R46KI368000P0K Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
logo
Panasonic Semiconductor
ECQUAAF822K PANASONIC-ECQUAAF822K Datasheet
715Kb / 14P
Metallized Polypropylene Film Capacitor
ECWH10752HV PANASONIC-ECWH10752HV Datasheet
774Kb / 18P
Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com