| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24C01-WDS3T bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C01-WDS3T bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 29 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 8/29 Figure 6. Write Mode Sequences with WC=1 (data write inhibited) Write Operations Following a Start condition the bus master sends a Device Select Code with the RW bit reset to 0. The device acknowledges this, as shown in Figure 7., and waits for an address byte. The device re- sponds to the address byte with an acknowledge bit, and then waits for the data byte. When the bus master generates a Stop condition immediately after the Ack bit (in the “10th bit” time slot), either at the end of a Byte Write or a Page Write, the internal memory Write cycle is triggered. A Stop condition at any other time slot does not trigger the internal Write cycle. During the internal Write cycle, Serial Data (SDA) and Serial Clock (SCL) are ignored, and the de- vice does not respond to any requests. Byte Write After the Device Select code and the address byte, the bus master sends one data byte. If the ad- dressed location is Write-protected, by Write Con- trol (WC) being driven High (during the period from the Start condition until the end of the address byte), the device replies to the data byte with NoAck, as shown in Figure 6., and the location is not modified. If, instead, the addressed location is not Write-protected, the device replies with Ack. The bus master terminates the transfer by gener- ating a Stop condition, as shown in Figure 7.. Page Write The Page Write mode allows up to 16 bytes to be written in a single Write cycle, provided that they are all located in the same page in the memory: that is, the most significant memory address bits are the same. If more bytes are sent than will fit up to the end of the page, a condition known as ‘roll- over’ occurs. This should be avoided, as data starts to become overwritten in an implementation dependent way. The bus master sends from 1 to 16 bytes of data, each of which is acknowledged by the device if Write Control (WC) is Low. If the addressed loca- tion is Write-protected, by Write Control (WC) be- ing driven High (during the period from the Start Byte Write DEV SEL BYTE ADDR DATA IN WC Page Write DEV SEL BYTE ADDR DATA IN 1 DATA IN 2 WC DATA IN 3 AI02803C Page Write (cont'd) WC (cont'd) DATA IN N ACK ACK NO ACK R/W ACK ACK NO ACK NO ACK R/W NO ACK NO ACK |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |