công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LVR033S bảng dữ liệu(PDF) 2 Page - Littelfuse

tên linh kiện LVR033S
Giải thích chi tiết về linh kiện  PolySwitch PTC Devices
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LVR033S bảng dữ liệu(HTML) 2 Page - Littelfuse

  LVR033S Datasheet HTML 1Page - Littelfuse LVR033S Datasheet HTML 2Page - Littelfuse LVR033S Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: LVR033S
DOCUMENT: SCD25494
REV LETTER: I
REV DATE: JULY 26, 2016
PAGE NO.: 2 OF 3
© 2016 Littelfuse,Inc
littelfuse.com
Specifications are subject to change without notice.
Revised July 26,2016
Warning: Application Limitations for the LVR Product Line
1. Users should independently evaluate the suitability of and test each product selected for
their own application.
2. This product should not be used in an application where the maximum interrupt voltage or
maximum interrupt current can be exceeded in a fault condition. Operation beyond the
maximum ratings or improper use may result in device damage and possible electrical
arcing and flame.
3. A PPTC device is not a fuse - it is a nonlinear thermistor that limits current. Under a fault
condition all PPTC devices go into a high resistance state but do not open circuit, so
hazardous voltage may be present at PPTC locations.
4. The devices are intended for protection against occasional overcurrent or overtemperature
fault conditions and should not be used when repeated fault conditions or prolonged trip
events are anticipated.
5. In most applications, power must be removed and the fault condition cleared in order to
reset a PPTC device; however, under certain unusual conditions, a PPTC device may
automatically reset. PPTC devices should not be used in an application where an
automatic reset could create a safety hazard, such as garbage disposals and blenders.
Appropriate qualification testing should be performed.
6. It is the responsibility of the user to determine the need for back up or fail safe protection
to prevent damage that may occur in the event of abnormal function or failure of the
PTC device.
7. Operation in circuits with a large inductance can generate a circuit voltage (Ldi/dt) above
the rated voltage of a PPTC device. This product should not be used in an application
where the maximum interrupt voltage or maximum interrupt current can be exceeded by
inductive spikes.
8. Devices are not recommended for reflow soldering.
9. Device performance can be impacted negatively if devices are handled in a manner
inconsistent with recommended electronic, thermal, or mechanical procedures for
electronic components.
10. PTC devices are not recommended to be installed in applications where the device is
constrained such that its PTC properties are inhibited, for example in rigid potting
materials
or in rigid housings, which lack adequate clearance to accommodate device expansion.
11. Contamination of the PTC material with certain silicone-based oils or some aggressive
solvents can adversely impact the performance of the devices.



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com