công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC4210-1CS6 bảng dữ liệu(PDF) 13 Page - Linear Technology

tên linh kiện LTC4210-1CS6
Giải thích chi tiết về linh kiện  Hot Swap Controller in 6-Lead SOT-23 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC4210-1CS6 bảng dữ liệu(HTML) 13 Page - Linear Technology

Back Button LTC4210-1CS6 Datasheet HTML 9Page - Linear Technology LTC4210-1CS6 Datasheet HTML 10Page - Linear Technology LTC4210-1CS6 Datasheet HTML 11Page - Linear Technology LTC4210-1CS6 Datasheet HTML 12Page - Linear Technology LTC4210-1CS6 Datasheet HTML 13Page - Linear Technology LTC4210-1CS6 Datasheet HTML 14Page - Linear Technology LTC4210-1CS6 Datasheet HTML 15Page - Linear Technology LTC4210-1CS6 Datasheet HTML 16Page - Linear Technology LTC4210-1CS6 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC4210-1/LTC4210-2
421012f
Circuit Breaker Timer Operation
When a current limit fault is encountered at time point A in
Figure 5, the circuit breaker timing is activated with a 60
µA
pull-up. The circuit breaker trips at time point B if the fault
is still present and the TIMER pin voltage reaches the
COMP2 threshold and the LTC4210 shuts down. For a
continuous fault, the circuit breaker delay is:
tV
C
A
CBDELAY
TIMER
=
µ
13
60
.•
(13)
Intermittent overloads may exceed the current limit as in
Figure 6, but if the duration is sufficiently short, the TIMER
pin may not reach the COMP2 threshold and the LTC4210
will not shut down. To handle this situation, the TIMER
discharges with 2
µA whenever (VCC – SENSE) voltage is
below the 50mV limit and the TIMER voltage is between
the COMP1 and COMP2 thresholds. When the TIMER
voltage falls below the COMP1 threshold, the TIMER pin is
discharged with an equivalent 7k resistor (normal mode,
100
µA source) when (VCC – SENSE) voltage is below the
50mV limit. If the TIMER pin does not drop below the
COMP1 threshold, any intermittent overload with an ag-
gregate duty cycle of more than 3.8% will eventually trip
the circuit breaker. Figure 7 shows the circuit breaker
response time in seconds normalized to 1
µF. The asym-
metric charging and discharging of TIMER is a fair gauge
of MOSFET heating.
t
C
sF
VF
AD
A
TIMER
(/
)
.•
•–
µ=
µ
µ
() µ
13
1
60
2
(14)
When the circuit breaker trips, the GATE pin is pulled low.
The TIMER enters latchoff mode with a 5
µA pull-up for the
LTC4210-2 (latched-off version), while an autoretry “cool-
off” cycle begins with a 2
µA pull-down for the LTC4210-1
(autoretry version). An autoretry cool-off delay of the
LTC4210-1 between COMP2 and COMP1 thresholds takes:
tV
C
A
COOLOFF
TIMER
=
µ
11
2
.•
(15)
APPLICATIO S I FOR ATIO
VTIMER
NORMAL
MODE
FAULT
MODE
100
µA
COMP1
CIRCUIT BREAKER
TRIPS
LATCHED OFF (5
µA PULL-UP)
OR RETRY (2
µA PULL-DOWN)
COMP2
AB
60
µA
4210 F05
Figure 5. A Continuous Fault Timing
OVERLOAD DUTY CYCLE, D (%)
10
30
1
4210 F07
0.01
0.1
20
100
90
80
70
60
50
40
0
(s/
µF) =
t
CTIMER
1.3V • 1
µF
60
µA • D – 2µA
Figure 7. Circuit Breaker Timer Response
for Intermittent Overload
A1
B1
A2
B2
A3
B3
~50mV/RSENSE
60
µA
CIRCUIT BREAKER
TRIPS
COMP1
4210 F06
COMP2
ILOAD
VTIMER
VGATE
2
µA
CB
FAULT
CB
FAULT
CB
FAULT
2
µA
LATCHED OFF (5
µA PULL-UP)
OR RETRY (2
µA PULL-DOWN)
60
µA
60
µA
10
µA
10
µA
Figure 6. Mulitple Intermittent Overcurrent Conditon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com