| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L78M09CV bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78M09CV bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 21 page ![]() L78M00 SERIES 15/21 Figure 23 : Power AM Modulator (unity voltage gain, IO ≤ 0.5) NOTE: The circuit performs well up to 100 KHz. Figure 24 : Adjustable Output Voltage with Temperature Compensation NOTE: Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with the temperature. C allows a slow risetime of the VO. R2 VO =VXX (1+ ) +VBE R1 |