công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9236 bảng dữ liệu(PDF) 20 Page - Analog Devices

tên linh kiện AD9236
Giải thích chi tiết về linh kiện  12-Bit, 80 MSPS, 3 V A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9236 bảng dữ liệu(HTML) 20 Page - Analog Devices

Back Button AD9236 Datasheet HTML 16Page - Analog Devices AD9236 Datasheet HTML 17Page - Analog Devices AD9236 Datasheet HTML 18Page - Analog Devices AD9236 Datasheet HTML 19Page - Analog Devices AD9236 Datasheet HTML 20Page - Analog Devices AD9236 Datasheet HTML 21Page - Analog Devices AD9236 Datasheet HTML 22Page - Analog Devices AD9236 Datasheet HTML 23Page - Analog Devices AD9236 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Data Sheet
AD9236
Rev. C | Page 19 of 36
LFCSP Evaluation Board
The typical bench setup used to evaluate the ac performance of
the AD9236 is similar to the TSSOP evaluation board
connections. The AD9236 can be driven single-ended or
differentially through a transformer. Separate power pins are
provided to isolate the DUT from the support circuitry. Each
input configuration can be selected by proper connection of
various jumpers (see Figure 48).
An alternative differential analog input path using an AD8351
op amp is included in the layout but is not populated in
production. Designers interested in evaluating the op amp with
the ADC should remove C15, R12, and R3 and populate the op
amp circuit. The passive network between the AD8351 outputs
and the AD9236 allows the user to optimize the frequency
response of the op amp for their application.
03066-0-024
DATA
CAPTURE
AND
PROCESSING
3V
–
+
3V
–
+
3V
–
+
3V
–
+
REFIN
10MHz
REFOUT
HP8644, 2V p-p
SIGNAL SYNTHESIZER
HP8644, 2V p-p
CLOCK SYNTHESIZER
BAND-PASS
FILTER
S4
XFMR
INPUT
S1
CLOCK
AVDD
DUT
AVDD
GND
GND DUT
DRVDD
DVDD
AD9236
EVALUATION BOARD
J1
CLOCK
DIVIDER
Figure 37. TSSOP Evaluation Board Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com