công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADJH21005 bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor

tên linh kiện ADJH21005
Giải thích chi tiết về linh kiện  Suitable for lighting and motor load, 1 Form A 50A latching relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ADJH21005 bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor

  ADJH21005 Datasheet HTML 1Page - Panasonic Semiconductor ADJH21005 Datasheet HTML 2Page - Panasonic Semiconductor ADJH21005 Datasheet HTML 3Page - Panasonic Semiconductor ADJH21005 Datasheet HTML 4Page - Panasonic Semiconductor ADJH21005 Datasheet HTML 5Page - Panasonic Semiconductor ADJH21005 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
–1–
ASCTB383E 201704-T
ORDERING INFORMATION
TYPES
1. Standard type (Without manual switch)
*Reverse polarity type available. (1 coil latching type: ADJH220**, 2 coil latching type: ADJH240**)
Suitable for lighting and
motor load, 1 Form A 50A
latching relays
DJ-H RELAYS (ADJH)
Contact arrangement
Rated voltage
Part No.
Standard packing
1 coil latching type
2 coil latching type
Carton
Case
1 Form A
5V DC
ADJH21005
ADJH23005
50 pcs.
200 pcs.
12V DC
ADJH21012
ADJH23012
24V DC
ADJH21024
ADJH23024
mm inch
Protective construction: Flux-resistant
type
39.0
39.0
15.0
15.0
30.2
30.2
1.535
1.535
.591
.591
1.189
1.189
Standard type
Manual switch type
RoHS compliant
FEATURES
1. High inrush capability
• Tungsten load (TV-20 class)
• Electronic ballast load (NEMA410)
• Capacitive load (IEC60669-1)
2. Supports manual operation
• Manual switch type available
TYPICAL APPLICATIONS
1. Smart house
(Shutter and Sunblind control)
2. Lighting control
New
ADJH
2
Operating function
1: 1 coil latching
2: 1 coil latching (Reverse polarity)
3: 2 coil latching
4: 2 coil latching (Reverse polarity)
Type classification
0: Standard type (Without manual switch)
1: Manual switch type
Rated voltage (DC)
05: 5V, 12: 12V, 24: 24V
Contact arrangement
2: 1 Form A


Số phần tương tự - ADJH21005

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
1-pole/2-pole 16A polarized power relays
logo
TAITRON Components Inco...
ADJ TAITRON-ADJ Datasheet
438Kb / 21P
1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Ceramate Technical
ADJ-B CERAMATE-ADJ-B Datasheet
444Kb / 12P
Low Dropout Linear Regulator
logo
TAITRON Components Inco...
ADJ-LD1117A50 TAITRON-ADJ-LD1117A50 Datasheet
438Kb / 21P
1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Ferroxcube Internationa...
ADJ-P14 FERROXCUBE-ADJ-P14 Datasheet
58Kb / 1P
P cores and accessories
More results

Mô tả tương tự - ADJH21005

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
LH1526A VISHAY-LH1526A Datasheet
167Kb / 8P
Dual 1 Form A Solid-State Relays
26-Oct-04
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
1 Form A Solid-State Relays
March 21, 2001-14
LH1526AB INFINEON-LH1526AB Datasheet
179Kb / 6P
Dual 1 Form A Solid-State Relays
March 26, 2000-17
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
BetLux Electronics
BL-HP7E-1W BETLUX-BL-HP7E-1W Datasheet
236Kb / 4P
1W LEDs , suitable for illumination lamps and decorative lighting
REV NO: V.4
BL-HP9E-1W BETLUX-BL-HP9E-1W Datasheet
218Kb / 4P
1W LEDs , suitable for illumination lamps and decorative lighting
REV NO: V.4
BL-HP12E-5W BETLUX-BL-HP12E-5W Datasheet
225Kb / 4P
5W LEDs suitable for illumination lamps and decorative lighting
REV NO: V.4
BL-HP15E-10W BETLUX-BL-HP15E-10W Datasheet
228Kb / 4P
10W LEDs suitable for illumination lamps and decorative lighting
REV NO: V.4
BL-HP26E-30W BETLUX-BL-HP26E-30W Datasheet
222Kb / 4P
30W LEDs suitable for illumination lamps and decorative lighting
REV NO: V.4
BL-HP39E-100W BETLUX-BL-HP39E-100W Datasheet
128Kb / 3P
30W LEDs suitable for illumination lamps and decorative lighting
REV NO: V.4
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com