công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APM0950-P29 bảng dữ liệu(PDF) 4 Page - Advanced Semiconductor Business Inc.

tên linh kiện APM0950-P29
Giải thích chi tiết về linh kiện  Medium Power Amplifier Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASB [Advanced Semiconductor Business Inc.]
Trang chủ  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

APM0950-P29 bảng dữ liệu(HTML) 4 Page - Advanced Semiconductor Business Inc.

  APM0950-P29 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. APM0950-P29 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. APM0950-P29 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. APM0950-P29 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. APM0950-P29 Datasheet HTML 5Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/5
www.asb.co.kr
August 2017
plerowTM APM0950-P29
High OIP3
Medium Power Amplifier Module
1)
The tantal or MLC (Multi Layer Ceramic) capacitor is optional and for bypassing the AC noise introduced
from the DC supply. The capacitance value may be determined by customer’s DC supply status. The ca-
pacitor should be placed as close as possible to Vs pin and be connected directly to the ground plane for
the best electrical performance.
2)
DC blocking capacitors are always necessarily placed at the input and output port for allowing only the
RF signal to pass and blocking the DC component in the signal. The DC blocking capacitors are includ-
ed inside the APM module. Therefore, C1 & C2 capacitors may not be necessary, but can be added just
in case that the customer wants. The value of C1 & C2 is determined by considering the application fre-
quency.
Copyright
2009-2017 ASB Inc. All rights reserved. Datasheet subject to change without notice. ASB assumes no re-
sponsibility for any errors which may appear in this datasheet. No part of the datasheet may be copied or reproduced
in any form or by any means without the prior written consent of ASB.
Application Circuit
Recommended Soldering Reflow Process
20~40 sec
260
C
200
C
150
C
60~180 sec
Ramp-up
(3˚C/sec)
Ramp-down
(6
C/sec)
+
-
APM
OUT
IN
C1
C2
VS
Tantal or MLC (Multi Layer Ceramic)
Capacitor
IN
OUT
Vs
Evaluation Board Layout
Size 40x40mm
(for APM Series – 10x10mm)



Html Pages

1 2 3 4 5