công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT83C5111-ICSIL bảng dữ liệu(PDF) 23 Page - ATMEL Corporation

tên linh kiện AT83C5111-ICSIL
Giải thích chi tiết về linh kiện  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111-ICSIL bảng dữ liệu(HTML) 23 Page - ATMEL Corporation

Back Button AT83C5111-ICSIL Datasheet HTML 19Page - ATMEL Corporation AT83C5111-ICSIL Datasheet HTML 20Page - ATMEL Corporation AT83C5111-ICSIL Datasheet HTML 21Page - ATMEL Corporation AT83C5111-ICSIL Datasheet HTML 22Page - ATMEL Corporation AT83C5111-ICSIL Datasheet HTML 23Page - ATMEL Corporation AT83C5111-ICSIL Datasheet HTML 24Page - ATMEL Corporation AT83C5111-ICSIL Datasheet HTML 25Page - ATMEL Corporation AT83C5111-ICSIL Datasheet HTML 26Page - ATMEL Corporation AT83C5111-ICSIL Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 86 page
background image
23
AT8xC5111
4190A–8051–11/02
Dual Data Pointer
Register
The additional data pointer can be used to speed up code execution and reduce code
size in a number of ways.
The dual DPTR structure is a way by which the chip will specify the address of an exter-
nal data memory location. There are two 16-bit DPTR registers that address the external
memory, and a single bit called DPS = AUXR1/bit0 (see Table 19) that allows the pro-
gram code to switch between them (See Figure 6).
Figure 1. Use of Dual Pointer
Table 1. AUXR1: Auxiliary Register 1
Note:
User software should not write 1s to reserved bits. These bits may be used in future 8051
family products to invoke new features. In that case, the reset value of the new bit will be
0, and its active value will be 1. The value read from a reserved bit is indeterminate.
External Data Memory
AUXR1(A2H)
DPS
DPH(83H) DPL(82H)
0
7
DPTR0
DPTR1
765
43210
-------
DPS
Bit
Number
Bit
Mnemonic Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
1-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0DPS
Data Pointer Selection
Clear to select DPTR0.
Set to select DPTR1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com