| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7910ARM bảng dữ liệu(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7910ARM bảng dữ liệu(HTML) 16 Page - Analog Devices |
|
16 / 20 page ![]() REV. B –16– AD7910/AD7920 MICROPROCESSOR INTERFACING The serial interface on the AD7910/AD7920 allows the part to be directly connected to a range of different microprocessors. This section explains how to interface the AD7910/AD7920 with some of the more common microcontroller and DSP serial interface protocols. AD7910/AD7920 to TMS320C541 Interface The serial interface on the TMS320C541 uses a continuous serial clock and frame synchronization signals to synchronize the data transfer operations with peripheral devices like the AD7910/ AD7920. The CS input allows easy interfacing between the TMS320C541 and the AD7910/AD7920 without any glue logic required. The serial port of the TMS320C541 is set up to operate in burst mode (FSM = 1 in the Serial Port Control register, SPC) with internal serial clock CLKX (MCM = 1 in SPC register) and internal frame signal (TXM = 1 in the SPC), so both pins are configured as outputs. For the AD7920, the word length should be set to 16 bits (FO = 0 in the SPC register). This DSP allows frames with a word length of 16 or 8 bits. Therefore, in the case of the AD7910 where just 14 bits could be required, the FO bit would be set up to 16 bits also. This means that to obtain the conversion result, 16 SCLKs are needed and two trailing zeros will be clocked out in the two last clock cycles. To summarize, the values in the SPC register are: FO = 0 FSM = 1 MCM = 1 TXM = 1 The format bit, FO, may be set to 1 to set the word length to eight bits, in order to implement the power-down mode on the AD7910/AD7920. The connection diagram is shown in Figure 15. It should be noted that for signal processing applications, it is imperative that the frame synchronization signal from the TMS320C541 provides equidistant sampling. AD7910/AD7920* SCLK SDATA CS CLKX CLKR FSX FSR TMS320C541* *ADDITIONAL PINS OMITTED FOR CLARITY DR Figure 15. Interfacing to the TMS320C541 AD7910/AD7920 to ADSP-218x The ADSP-218x family of DSPs is interfaced directly to the AD7910/AD7920 without any glue logic required. The SPORT control register should be set up as follows: TFSW = RFSW = 1, Alternate Framing INVRFS = INVTFS = 1, Active Low Frame Signal DTYPE = 00, Right Justify Data ISCLK = 1, Internal Serial Clock TFSR = RFSR = 1, Frame Every Word IRFS = 0, Sets up RFS as an Input ITFS = 1, Sets up TFS as an Output SLEN = 1111, 16 Bits for the AD7920 SLEN = 1101, 14 Bits for the AD7910 To implement power-down mode, SLEN should be set to 0111 to issue an 8-bit SCLK burst. The connection diagram is shown in Figure 16. The ADSP-218x has the TFS and RFS of the SPORT tied together, with TFS set as an output and RFS set as an input. The DSP operates in alternate framing mode and the SPORT control register is set up as described. The frame syn- chronization signal generated on the TFS is tied to CS and, as with all signal processing applications, equidistant sampling is necessary. However, in this example, the timer interrupt is used to control the sampling rate of the ADC and, under certain conditions, equidistant sampling may not be achieved. The timer registers are loaded with a value that provides an interrupt at the required sample interval. When an interrupt is received, a value is transmitted with TFS/DT (ADC control word). The TFS is used to control the RFS and thus the reading of data. The frequency of the serial clock is set in the SCLKDIV register. When the instruction to transmit with TFS is given, i.e., TX0 = AX0, the state of the SCLK is checked. The DSP waits until the SCLK has gone high, low, and high before trans- mission starts. If the timer and SCLK values are chosen such that the instruction to transmit occurs on or near the rising edge of SCLK, the data may be transmitted or it may wait until the next clock edge. For example, the ADSP-2111 has a master clock frequency of 16 MHz. If the SCLKDIV register is loaded with the value 3, an SCLK of 2 MHz is obtained and eight master clock periods will elapse for every one SCLK period. If the timer registers are loaded with the value 803, 100.5 SCLKs will occur between interrupts and subsequently between transmit instructions. This situation will result in nonequidistant sampling as the transmit instruction is occurring on an SCLK edge. If the number of SCLKs between interrupts is a whole integer figure of N, equidistant sampling will be implemented by the DSP. AD7910/AD7920* SCLK SDATA CS SCLK DR RFS TFS ADSP-218x* *ADDITIONAL PINS OMITTED FOR CLARITY Figure 16. Interfacing to the ADSP-218x |