công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD6652BC bảng dữ liệu(PDF) 63 Page - Analog Devices

tên linh kiện AD6652BC
Giải thích chi tiết về linh kiện  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD6652BC bảng dữ liệu(HTML) 63 Page - Analog Devices

Back Button AD6652BC Datasheet HTML 59Page - Analog Devices AD6652BC Datasheet HTML 60Page - Analog Devices AD6652BC Datasheet HTML 61Page - Analog Devices AD6652BC Datasheet HTML 62Page - Analog Devices AD6652BC Datasheet HTML 63Page - Analog Devices AD6652BC Datasheet HTML 64Page - Analog Devices AD6652BC Datasheet HTML 65Page - Analog Devices AD6652BC Datasheet HTML 66Page - Analog Devices AD6652BC Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
AD6652
Rev. 0 | Page 63 of 76
t po
ble variou
late
ures used p
trol. Dep
g on the
ode of operation, up to four different signal paths can be
onitored with these registers. These features are accessed by
etting Bit 5 of External Address 3 (sleep regi
nd then
g the CAR (External Address 6) to address the eight
cations ava lable. Response to these settings is directed to
LIA
INPUT PORT CONTROL REGISTERS
The i
eat
npu
rt control registers ena
rimarily for level con
s i
ndin
nput-re
d
f
e
m
m
s
ster) a
usin
lo
i
the
LIA,
, LIB, and LIB pins.
To access the input port registers, the progra
gain contro
ld be wr ten high. The CAR is then wri en with the
ess to th
orrect input port register.
ord is 10 bits wide and maps to the 10 MSB of the
antissa. If the upper 10 bits of Input Port A are less than o
ual to this alue, then the lower threshold
s been met. I
ormal chip peration, this starts the dwell time counter. If he
put signal increases above this value, then t e counter is
eloaded an awaits the input to drop back t
his level.
ord is 10 bits wide and maps to the 10 MSB of the
antissa. If t e upper 10 bits of Input Port A re greater th
r
ual to this alue, then the upper threshold as been met.
ormal chip peration, this causes the appro iate LI pin (LIA
LIA
m
l bit
shou
it
tt
addr
e c
0x00: Lower Threshold A
This w
m
r
eq
v
ha
n
n
o
t
in
h
r
d
o t
0x01: Upper Threshold A
This w
m
h
a
an o
eq
v
h
In
n
o
pr
or
) to become active.
his word sets the time that the input signal must be at or
w
wer th
s deac
ed. For the
t level d
ell time m t be set to a
t 1. If set
s are disable
his is a 20
ster. Wh
old is met fol
ing an
ursion in
, the dwel
e counter i
ed and
ck
cles as long
e input is a or below the lower threshold. I
e signal
eases ab
coun
eloaded
s for the
er th
old again.
in Range A Control Register
it 4 determ es the polarity of LIA and LIA
0x02: Dwell Time A
T
belo
the lo
reshold before the LI pin i
tivat
inpu
etector to work, the dw
us
t
leas
to 0, the LI function
d. T
-bit
regi
en the lower thresh
low
exc
to the upper threshold
l tim
s
load
begins to count high speed clo
cy
as
th
t
f th
incr
ove the lower threshold, the
ow
ter is r
h
and
wait
signal to fall below the l
res
0x03: Ga
B
in
. If this bit is
lear, then t
LI signal is high when the up r threshold has
een exceed . However, if this bit is set, the LI pin is low
hen active. his allows maximum flexibility hen using
is function
it 3 = 0 (Re
ved).
Bit 2–0 determines the internal latency of the gain detect
function. When the LIA, LIA
c
he
pe
b
ed
w
T
w
th
.
B
ser
pins are made active, they are
used to change an attenuator or gain stage. Because
DC, there is a latency associated with the
A
e settling of the gain change. This register
a
delay of the LIA, LIA
typically
this is prior to the A
DC and with th
llows the internal
signal to be
p
wer Threshold B
is 10 bits wide and maps to the 10 MSB of the
er 10 bits of Input Port B are less than or
e
e, then the lower threshold has been met. In
n
peration, this starts the dwell time counter. If the
al increases above this value, then the counter is
aits the input to drop back to this level.
0x05: Upper Threshold B
This w rd is 10 bits wide and maps to the 10 MSB of the
m
. If the upper 10 bits of Input Port B are greater than or
e
is value, then the upper threshold has been met. In
n
ip operation, this causes the appropriate LI pin (LIB
or
rogrammed.
0x04: Lo
This word
mantissa. If the upp
qual to this valu
ormal chip o
input sign
reloaded and aw
o
antissa
qual to th
ormal ch
LIB) to become active
0x06: Dwell Time B
d sets the time that the input signal must be at or below
t
pin is deactivated. For the
i
e dwell time must be set to at
1. If set to 0, the LI functions are disabled. This is a 20-bit
. When the lower threshold is met following an
into the upper threshold, the dwell time counter is
aded and begins to count high speed clock cycles as long as
is at or below the lower threshold. If the signal
aded and
he signal to fall below the lower threshold again.
ain Range B Control Register
e polarity of LIB and LIB
This wor
he lower threshold before the LI
nput level detector to work, th
least
register
excursion
lo
the input
increases above the lower threshold, the counter is relo
waits for t
0x0: G
Bit 4 determines th
. If this bit is
h when the upper threshold has
, if this bit is set, the LI pin is low
is allows maximum flexibility when using
B
(Reserved.
B
etermines the internal latency of the gain detect
f
. When the LIB, LIB
clear, then the LI signal is hig
However
been exceeded.
when active. Th
this function.
it 3 = 0
it 2–0 d
unction
pins are made active, they are
t
sed to change an attenuator or gain stage. Because
t
r to the ADC, there is a latency associated with
t
nd with the settling of the gain change. This
llows the internal delay of the LIB, LIB
ypically u
his is prio
he ADC a
register a
signal to
be programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com