| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
6CF-2FJB12 bảng dữ liệu(PDF) 11 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
6CF-2FJB12 bảng dữ liệu(HTML) 11 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
11 / 12 page ![]() Series KP Miniature Audio/Video Pushbuttons D46 D www.nkkswitches.com ASSEMBLY INSTRUCTIONS FOR SQUARE CAPS As shown in the accompanying illustration, the cap and plunger are designed with tabs and notches to assure proper orientation of the cap on the switch. Holding the switch tightly, pull the cap off the switch. Once the cap assembly is released from the plunger, the lens and diffuser can be separated. Pry up the lens with fingernail or flat tip screwdriver inserted at the step on the diffuser. After aligning notches with tabs, join the lens and diffuser. Hold the switch tightly without touching the terminals. Firmly press the cap onto the plunger by applying pressure from one side to the other until both are snapped together. Cap Orientation Notch Tab Step Plunger Notches Cap Assembly Plunger Switch ATTENTION ELECTROSTATIC SENSITIVE DEVICES Removal of Cap Assembly & Separation of Lens & Diffuser Installation or Replacement of Cap |