công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC1G79 bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện 74LVC1G79
Giải thích chi tiết về linh kiện  Single D-type flip-flop; positive-edge trigger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G79 bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  74LVC1G79 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G79 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G79 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G79 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G79 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G79 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G79 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G79 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G79 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2004 Sep 10
3
Philips Semiconductors
Product specification
Single D-type flip-flop; positive-edge trigger
74LVC1G79
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
↑ = LOW-to-HIGH CP transition;
X = don’t care;
q = lower case letter indicates the state of referenced input, one set-up time prior to the LOW-to-HIGH CP transition.
ORDERING INFORMATION
PINNING
INPUT
OUTPUT
CP
D
Q
↑
LL
↑
HH
LXq
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74LVC1G79GW
−40 °C to +125 °C
5
SC-88A
plastic
SOT353
VP
74LVC1G79GV
−40 °C to +125 °C
5
SC-74A
plastic
SOT753
V79
74LVC1G79GM
−40 °C to +125 °C
6
XSON6
plastic
SOT886
VP
PIN SC-88A; SC-74A
PIN XSON6
SYMBOL
DESCRIPTION
1
1
D
data input D
2
2
CP
clock pulse input CP
3
3
GND
ground (0 V)
4
4
Q
data output Q
-
5
n.c.
not connected
56
VCC
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18