| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9653 bảng dữ liệu(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9653 bảng dữ liệu(HTML) 12 Page - Analog Devices |
|
12 / 42 page ![]() Data Sheet AD9653 Rev. E | Page 11 of 41 D0–A D0+A D1–A D1+A FCO– BYTEWISE MODE FCO+ D0–A D0+A D1–A D1+A FCO– DCO DCO+ CLK+ VIN±x CLK– DCO– FCO+ BITWISE MODE SDR DDR MSB N – 17 D14 N – 17 D13 N – 17 D12 N – 17 D11 N – 17 D10 N – 17 D09 N – 17 D08 N – 17 MSB N – 16 D14 N – 16 D13 N – 16 D12 N – 16 D11 N – 16 D10 N – 16 D09 N – 16 D08 N – 16 D07 N – 17 D06 N – 17 D05 N – 17 D04 N – 17 D03 N – 17 D02 N – 17 D01 N – 17 LSB N – 17 D07 N – 16 D06 N – 16 D05 N – 16 D04 N – 16 D03 N – 16 D02 N – 16 D01 N – 16 LSB N – 16 MSB N – 17 D13 N – 17 D11 N – 17 D09 N – 17 D07 N – 17 D05 N – 17 D03 N – 17 D01 N – 17 MSB N – 16 D13 N – 16 D11 N – 16 D09 N – 16 D07 N – 16 D05 N – 16 D03 N – 16 D01 N – 16 D14 N – 17 D12 N – 17 D10 N – 17 D08 N – 17 D06 N – 17 D04 N – 17 D02 N – 17 LSB N – 17 D14 N – 16 D12 N – 16 D10 N – 16 D08 N – 16 D06 N – 16 D04 N – 16 D02 N – 16 LSB N – 16 tA tDATA tLD tEH tFCO tFRAME tPD tCPD tEL N – 1 N + 1 N Figure 3. 16-Bit DDR/SDR, Two-Lane, 2× Frame Mode D0–x D0+x FCO– DCO+ CLK+ VIN±x CLK– DCO– FCO+ D14 N – 17 MSB N – 17 D13 N – 17 D12 N – 17 D11 N – 17 D10 N – 17 D9 N – 17 D8 N – 17 D7 N – 17 D6 N – 17 D5 N – 17 D4 N – 17 D3 N – 17 D2 N – 17 D1 N – 17 LSB N – 17 MSB N – 16 D14 N – 16 D13 N – 16 tA tDATA tEH tFCO tFRAME tPD tCPD tEL N – 1 N Figure 4. Wordwise DDR, One-Lane, 1× Frame, 16-Bit Output Mode SYNC CLK+ tHSYNC tSSYNC Figure 5. SYNC Input Timing Requirements |