| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9253 bảng dữ liệu(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9253 bảng dữ liệu(HTML) 9 Page - Analog Devices |
|
9 / 41 page ![]() AD9253 Data Sheet Rev. B | Page 8 of 40 D0–A D0+A D1–A D1+A FCO– BYTEWISE MODE FCO+ D0–A D0+A D1–A D1+A FCO– DCO– DCO+ DCO+ CLK+ VIN±x CLK– DCO– FCO+ BITWISE MODE SDR DDR MSB N – 17 D12 N – 17 D11 N – 17 D10 N – 17 D09 N – 17 D08 N – 17 D07 N – 17 D06 N – 17 MSB N – 16 D12 N – 16 D11 N – 16 D10 N – 16 D09 N – 16 D08 N – 16 D07 N – 16 D06 N – 16 D05 N – 17 D04 N – 17 D03 N – 17 D02 N – 17 D01 N – 17 LSB N – 17 0 N – 17 0 N – 17 D05 N – 16 D04 N – 16 D03 N – 16 D02 N – 16 D01 N – 16 LSB N – 16 0 N – 16 0 N – 16 MSB N – 17 D11 N – 17 D09 N – 17 D07 N – 17 D05 N – 17 D03 N – 17 D01 N – 17 0 N – 17 MSB N – 16 D11 N – 16 D09 N – 16 D07 N – 16 D05 N – 16 D03 N – 16 D01 N – 16 0 N – 16 D12 N – 17 D10 N – 17 D08 N – 17 D06 N – 17 D04 N – 17 D02 N – 17 LSB N – 17 0 N – 17 D12 N – 16 D10 N – 16 D08 N – 16 D06 N – 16 D04 N – 16 D02 N – 16 LSB N – 16 0 N – 16 tA tDATA tLD tEH tFCO tFRAME tPD tCPD tEL N – 1 N N + 1 Figure 4. 16-Bit DDR/SDR, Two-Lane, 2× Frame Mode D0–A D0+A D1–A D1+A FCO– BYTEWISE MODE FCO+ D0–A D0+A D1–A D1+A FCO– DCO– CLK+ CLK– DCO+ FCO+ BITWISE MODE SDR DDR DCO– DCO+ D10 N – 16 D08 N – 16 D06 N – 16 D04 N – 16 D02 N – 16 LSB N – 16 D10 N – 17 D08 N – 17 D06 N – 17 D04 N – 17 D02 N – 17 LSB N – 17 MSB N – 16 D09 N – 16 D07 N – 16 D05 N – 16 D03 N – 16 D01 N – 16 MSB N – 17 D09 N – 17 D07 N – 17 D05 N – 17 D03 N – 17 D01 N – 17 D05 N – 16 D04 N – 16 D03 N – 16 D02 N – 16 D01 N – 16 LSB N – 16 D05 N – 17 D04 N – 17 D03 N – 17 D02 N – 17 D01 N – 17 LSB N – 17 MSB N – 16 D10 N – 16 D09 N – 16 D08 N – 16 D07 N – 16 D06 N – 16 MSB N – 17 D10 N – 17 D09 N – 17 D08 N – 17 D07 N – 17 D06 N – 17 tEH tCPD tFRAME tFCO tPD tDATA tLD VIN±x tA N – 1 N N + 1 tEL Figure 5. 12-Bit DDR/SDR, Two-Lane, 2× Frame Mode |