công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XRT4500CV bảng dữ liệu(PDF) 52 Page - Exar Corporation

tên linh kiện XRT4500CV
Giải thích chi tiết về linh kiện  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV bảng dữ liệu(HTML) 52 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 48Page - Exar Corporation XRT4500CV Datasheet HTML 49Page - Exar Corporation XRT4500CV Datasheet HTML 50Page - Exar Corporation XRT4500CV Datasheet HTML 51Page - Exar Corporation XRT4500CV Datasheet HTML 52Page - Exar Corporation XRT4500CV Datasheet HTML 53Page - Exar Corporation XRT4500CV Datasheet HTML 54Page - Exar Corporation XRT4500CV Datasheet HTML 55Page - Exar Corporation XRT4500CV Datasheet HTML 56Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 99 page
background image
áç
áç
áç
áç
XRT4500
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
49
2. The Analog/Line-Side Loop-back:
This loop-back path is referred to as an “Analog/Line-
Side” loop-back, because all signals originate from
and are terminated by the DTE Terminal (over the
line). These signals originate from the DTE Terminal,
and are output, over the line, to the DTE Terminal.
However, these signal (originating from the DTE Ter-
minal) are never converted into the Digital format (by
the DCE Mode XRT4500). These signals are kept in
the “Analog” format, and are looped-back (over the
line) to the DTE Terminal.
The “TXD” signal (originating from the DTE Terminal)
will be transmitted over the line to the DCE Terminal.
However, this signal will not be converted into the dig-
ital format by the “DCE Mode” XRT4500. Instead, this
signal will be loop-back to the DTE Terminal, via the
“RXD” signal path.
NOTE: In this loop-back mode, the “SCTE” signal (e.g., the
companion clock signal to “TXD”) is also received by the
DCE Terminal and is looped-back to the DTE Terminal. In
this case, the SCTE signal will be routed through the “RXC”
path. The DTE SCC can use this signal to sample the TXD
(now RXD signal).
1.3.4
The EC* (Echo Clock Mode - Enable/
Disable Select Input pin)
A wide variety of Serial Communications Controller
(SCCs) are deployed in either “DTE” or “DCE” type of
Data Communications equipment. These SCCs can
be realized in an ASIC solution or they can be a stan-
dard product. An example of a standard product SCC,
would be the Am85C30 from AMD.
One variation that exists among these SCCs are in
the number of “Clock Signals” that these chips use
and process, in order to support Data Communica-
tions over a DTE/DCE Interface. For example, some
SCCs process 3 clock signals in order to support the
transmission/reception of data over a DTE/DCE Inter-
face. Other SCCs process only 2 or 1 clock signals.
Examples of a “3-Clock” and a “2-Clock” DTE/DCE
Interface are presented below.
The “3-Clock” DCE/DTE Interface
Many of the Data Communication Standards (e.g.,
ITU-T V.35, EIA-530(A), etc.) define three clock sig-
nals that are to be transported over the DTE/DCE In-
terface. These tree clock signals are listed below.
• TXC - Transmit Clock
• RXC - Receive Clock
• SCTE (or TXCE) - Transmit Clock Echo
Figure 20 presents an illustration of a DTE and DCE
exchanging data over a “3-Clock DTE/DCE” Interface.
FIGURE 20. ILLUSTRATION OF A TYPICAL “3-CLOCK DCE/DTE” INTERFACE
SCC (R)
SCC (L)
XRT4500
XRT4500
RXD
RXC
TXC
SCTE_IN
TXD_IN
TXD
SCTE
TXC_IN
RXC_IN
RXD_IN
60
67
73
2
74
1
78
79
77
76
70
71
64
65
63
62
1
74
68
67
60
63
62
64
65
70
71
77
76
78
79
TXD
SCTE
TXC
RXC
RXD
DTE (#1)
DCE (#2)
TX1
RX1
RX2
TX3
TX2
TX1
RX2
RX3
TX2
RX1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com