| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VSC7146RH bảng dữ liệu(PDF) 18 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7146RH bảng dữ liệu(HTML) 18 Page - Vitesse Semiconductor Corporation |
|
18 / 19 page ![]() VITESSE SEMICONDUCTOR CORPORATION Advance Product Information VSC7146 2.5Gb/s, 20-Bit Transceiver Page 18 © VITESSE SEMICONDUCTOR CORPORATION 741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896 8/28/00 G52162-0 Rev. 2.7 Ordering Information The part number for this product is formed by a combination of the device number and the package style: Notice This document contains information about a new product during its fabrication or early sampling phase of development. The information contained in this document is based on design targets, simulation results or early prototype test results. Characteristic data and other specifications are subject to change without notice. Therefore, the reader is cautioned to confirm that this data sheet is current prior to design or order placement. Warning Vitesse Semiconductor Corporation’s products are not intended for use in life support appliances, devices or systems. Use of a Vitesse product in such applications without written consent is prohibited. VSC7146 xx Device Type Package 2.5 Gb/s, 20-Bit Transceiver RH: 80-Pin, 14x14mm EDQUAD |