công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST26C32A bảng dữ liệu(PDF) 8 Page - STMicroelectronics

tên linh kiện ST26C32A
Giải thích chi tiết về linh kiện  CMOS quad tri-state differential line receiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26C32A bảng dữ liệu(HTML) 8 Page - STMicroelectronics

Back Button ST26C32A Datasheet HTML 4Page - STMicroelectronics ST26C32A Datasheet HTML 5Page - STMicroelectronics ST26C32A Datasheet HTML 6Page - STMicroelectronics ST26C32A Datasheet HTML 7Page - STMicroelectronics ST26C32A Datasheet HTML 8Page - STMicroelectronics ST26C32A Datasheet HTML 9Page - STMicroelectronics ST26C32A Datasheet HTML 10Page - STMicroelectronics ST26C32A Datasheet HTML 11Page - STMicroelectronics ST26C32A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Package mechanical data
ST26C32A
8/15
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15